Electronic Components Datasheet Search
  English  ▼

X  

CW-1/2 Datasheet(PDF) 5 Page - International Rectifier

Part # CW-1/2
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CW-1/2 Datasheet(HTML) 5 Page - International Rectifier

  CW-1/2 Datasheet HTML 1Page - International Rectifier CW-1/2 Datasheet HTML 2Page - International Rectifier CW-1/2 Datasheet HTML 3Page - International Rectifier CW-1/2 Datasheet HTML 4Page - International Rectifier CW-1/2 Datasheet HTML 5Page - International Rectifier CW-1/2 Datasheet HTML 6Page - International Rectifier CW-1/2 Datasheet HTML 7Page - International Rectifier CW-1/2 Datasheet HTML 8Page - International Rectifier CW-1/2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
www.irf.com
IRPLLNR2 Bill Of Materials
Lamp type: T8/36W
Line Input Voltage: 180..255 VAC/50..60 Hz
Note: Different lamp types require different frequency programming components.
Item #
Qt
Manufacturer
Part Number
Description
Reference
1
1
International Rectifier
DF10S
Bridge Rectifier, 1A 1000V
BR1
2
1
Roederstein
WY0222MCMBF0K
Capacitor, 2.2nF 275 VAC Y Cap
C1
3
1
Roederstein
F1772433-2200
Capacitor, 0.33uF 275 VAC
C2
4
1
Wima
MKP10
Capacitor, 0.01uF 400 VDC
C3
5
3
Panasonic
ECU-V1H103KBM
Capacitor, 0.01uF SMT 1206
C4, CRAMP, CSTART
6
3
Panasonic
ECJ-3YB1E474K
Capacitor, 0.47uF SMT 1206
C5, C6, C13
7
5
Panasonic
ECU-V1H104KBM
Capacitor, 0.1uF SMT 1206
C9,CPH, COC, C10, C11
8
1
Panasonic
EEU-EB2V100
Capacitor, 10uF 350VDC 105C
C8
9
1
Panasonic
ECU-V1H471KBM
Capacitor, 470pF SMT 1206
CT
10
1
Panasonic
ECE-A1HGE010
Capacitor, 1uF 50VDC 105C
C12
11
1
Vitramon
1812A152KXE
Capacitor, 1.5nF 1KV SMT 1812
C14
12
1
Wima
MKP10
Capacitor, 0.1uF 400VDC
C15
13
1
Vitramon
1812A102KXE
Capacitor, 1nF 1KV SMT 1812
C16
14
1
Panasonic
ECW-H16103JV
Capacitor, 0.01uF 1.6KV
C17
15
1
Panasonic
ECU-V1H101KBM
Capacitor, 100pF SMT 1206
CCS
16
3
Diodes
LL4148DICT-ND
Diode, 1N4148 SMT DL35
D1, D5, D6
17
2
International Rectifier
10BF60
Diode, SMT SMB
D2, D4
18
1
Diodes
ZMM5250BCT
Diode, Zener 20V SMT DL35
D3
19
1
Motorola
MC34262
IC, Power Factor Controller
IC1
20
1
International Rectifier
IR21571
IC, Ballast Driver
IC2
21
1
Panasonic
ELF-15N007A
EMI Inductor, 1X10mH 0.7Apk
L1
22
1
RG-Allen
PFC Inductor, 2.0mH 2.0Apk
L2
23
1
RG-Allen
Inductor, 2.0mH 2.0Apk
L3
24
3
International Rectifier
IRF830
Transistor, MOSFET
M1, M2, M3
25
5
Panasonic
ERJ-8GEYJ680K
Resistor, 680K ohm SMT 1206
R1, R2, R4, R5, R17
26
1
Panasonic
ERJ-8GEYJ10K
Resistor, 10K ohm SMT 1206
R3
27
1
Panasonic
ERJ-8GEYJ8.2K
Resistor, 8.2K ohm SMT 1206
R6
28
1
Panasonic
ERJ-8GEYJ100K
Resistor, 100K ohm SMT 1206
R7
29
3
Panasonic
ERJ-8GEYJ22K
Resistor, 22K ohm SMT 1206
R8, RSTART, RT
30
3
Panasonic
ERJ-8GEYJ22
Resistor, 22 ohm SMT 1206
R9, R13, R15
31
1
Dale
CW-1/2
Resistor, 1.0 ohm ½ watt
R10
32
1
Panasonic
ERJ-8GEYJ56K
Resistor, 56K ohm SMT 1206
R11
33
1
Yageo
2.2MQBK-ND
Resistor, 2.2megohm ¼ watt
R12
34
1
Dale
CW-1/2
Resistor, 0.68 ohm ½ watt
RCS
35
1
Panasonic
ERJ-8GEYJ5.6K
Resistor, 5.6K ohm SMT 1206
RDT
36
1
Panasonic
ERJ-8GEYJ30K
Resistor, 30K ohm SMT 1206
ROC
37
1
Panasonic
ERJ-8GEYJ75K
Resistor, 75K ohm SMT 1206
RPH
38
1
Panasonic
ERJ-8GEYJ150K
Resistor, 150K ohm SMT 1206
RRUN
39
1
Yageo
390KQBK-ND
Resistor, 390K ohm ¼ watt
R14
40
1
Panasonic
ERJ-8GEYJ1K
Resistor, 1K ohm SMT 1206
R16
41
1
Panasonic
ERJ-8GEYJ2.2M
Resistor, 2.2megohm SMT 1206
R18
42
1
Yageo
100KQBK-ND
Resistor, 100K ohm ¼ watt
R19
43
1
Panasonic
ERZ-V05D471
Transient Suppressor
RV1
44
2
Panasonic
ERJ-8GEYJ10
Resistor, 10 ohm SMT 1206
R20, R21
Total
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com