Electronic Components Datasheet Search
  English  ▼

X  

IXFT58N20 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFT58N20
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT58N20 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFT58N20 Datasheet HTML 1Page - IXYS Corporation IXFT58N20 Datasheet HTML 2Page - IXYS Corporation IXFT58N20 Datasheet HTML 3Page - IXYS Corporation IXFT58N20 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
42N20
0.060
W
50N20
0.045
W
58N20
0.040
W
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
g
fs
V
DS = 10 V; ID = 0.5 ID25, pulse test
20
32
S
C
iss
4400
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
800
pF
C
rss
285
pF
t
d(on)
18
25
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
15
20
ns
t
d(off)
R
G
= 1
W (External)
72
90
ns
t
f
16
25
ns
Q
g(on)
190
220
nC
Q
gs
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
35
50
nC
Q
gd
95
110
nC
R
thJC
0.42
K/W
R
thCK
(TO-247 and TO-204 Case styles)
0.25
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min. Typ.
Max.
I
S
V
GS = 0 V
42N20
42
A
50N20
50
A
58N20
58
A
I
SM
Repetitive;
42N20
168
A
pulse width limited by T
JM
50N20
200
A
58N20
232
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
t
rr
T
J =
25
°C
200
ns
T
J = 125°C
300
ns
Q
RM
T
J =
25
°C
1.5
mC
T
J = 125°C
2.6
mC
I
RM
T
J =
25
°C19
A
T
J = 125°C23
A
I
F = 25A,
-di/dt = 100 A/
ms,
V
R = 100 V
TO-247 AD (IXFH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
TO-204 AE (IXFM) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
38.61 39.12
1.520 1.540
B
- 22.22
- 0.875
C
6.40 11.40
0.252 0.449
D
1.45
1.60
0.057 0.063
E
1.52
3.43
0.060 0.135
F
30.15
BSC
1.187
BSC
G
10.67 11.17
0.420 0.440
H
5.21
5.71
0.205 0.225
J
16.64 17.14
0.655 0.675
K
11.18 12.19
0.440 0.480
Q
3.84
4.19
0.151 0.165
R
25.16 26.66
0.991 1.050
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
Min. Recommended Footprint
TO-268AA (D3 PAK)
IXFH/IXFM42N20
IXFH/IXFM58N20 IXFT50N20
IXFH/IXFM50N20
IXFT58N20
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com