Electronic Components Datasheet Search
  English  ▼

X  

TGL34-10 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # TGL34-10
Description  SMD Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TGL34-10 Datasheet(HTML) 2 Page - Diotec Semiconductor

  TGL34-10 Datasheet HTML 1Page - Diotec Semiconductor TGL34-10 Datasheet HTML 2Page - Diotec Semiconductor TGL34-10 Datasheet HTML 3Page - Diotec Semiconductor TGL34-10 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TGL34-6.8 ... TGL34-200CA
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Type
Typ
unidirectional
bidirectional
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Stand-off
voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
VBR [V]
VWM [V]
ID [µA]
VC [V]
IPPM [A]
TGL34-6.8
TGL34-6.8C
6.8 ± 10%
6.12...7.48 *)
5.5
1000
10.8
13.9
TGL34-6.8A
TGL34-6.8CA
6.8 ± 5%
6.45...7.14 *)
5.8
1000
10.5
14.3
TGL34-7.5
TGL34-7.5C
7.5 ± 10%
6.75...8.25 *)
6.0
500
11.7
12.8
TGL34-7.5A
TGL34-7.5CA
7.5 ± 5%
7.13...7.88 *)
6.4
500
11.3
13.3
TGL34-8.2
TGL34-8.2C
8.2 ± 10%
7.38...9.02 *)
6.6
200
12.5
12.0
TGL34-8.2A
TGL34-8.2CA
8.2 ± 5%
7.79...8.61 *)
7.0
200
12.1
12.4
TGL34-9.1
TGL34-9.1C
9.1 ± 10%
8.19...10.0
7.3
50
13.8
10.9
TGL34-9.1A
TGL34-9.1CA
9.1 ± 5%
8.65...9.55
7.7
50
13.4
11.2
TGL34-10
TGL34-10C
10 ± 10%
9.0...11.0
8.1
10
15.0
10.0
TGL34-10A
TGL34-10CA
10 ± 5%
9.5...10.5
8.5
10
14.5
10.3
TGL34-11
TGL34-11C
11 ± 10%
9.9...12.1
8.9
5
16.2
9.3
TGL34-11A
TGL34-11CA
11 ± 5%
10.5...11.6
9.4
5
15.6
9.6
TGL34-12
TGL34-12C
12 ± 10%
10.8...13.2
9.7
5
17.3
8.7
TGL34-12A
TGL34-12CA
12 ± 5%
11.4...12.6
10.2
5
16.7
9.0
TGL34-13
TGL34-13C
13 ± 10%
11.7...14.3
10.5
5
19.0
7.9
TGL34-13A
TGL34-13CA
13 ± 5%
12.4...13.7
11.1
5
18.2
8.2
TGL34-15
TGL34-15C
15 ± 10%
13.5...16.5
12.1
5
22.0
6.8
TGL34-15A
TGL34-15CA
15 ± 5%
14.3...15.8
12.8
5
21.2
7.1
TGL34-16
TGL34-16C
16 ± 10%
14.4...17.6
12.9
5
23.5
6.4
TGL34-16A
TGL34-16CA
16 ± 5%
15.2...16.8
13.6
5
22.5
6.7
TGL34-18
TGL34-18C
18 ± 10%
16.2...19.8
14.5
5
26.5
5.7
TGL34-18A
TGL34-18CA
18 ± 5%
17.1...18.9
15.3
5
25.2
6.0
TGL34-20
TGL34-20C
20 ± 10%
18.0...22.0
16.2
5
29.1
5.2
TGL34-20A
TGL34-20CA
20 ± 5%
19.0...21.0
17.1
5
27.7
5.4
TGL34-22
TGL34-22C
22 ± 10%
19.8...24.2
17.8
5
31.9
4.7
TGL34-22A
TGL34-22CA
22 ± 5%
20.9...23.1
18.8
5
30.6
4.9
TGL34-24
TGL34-24C
24 ± 10%
21.6...26.4
19.4
5
34.7
4.3
TGL34-24A
TGL34-24CA
24 ± 5%
22.8...25.2
20.5
5
33.2
4.5
TGL34-27
TGL34-27C
27 ± 10%
24.3...29.7
21.8
5
39.1
3.8
TGL34-27A
TGL34-27CA
27 ± 5%
25.7...28.4
23.1
5
37.5
4.0
TGL34-30
TGL34-30C
30 ± 10%
27.0...33.0
24.3
5
43.5
3.4
TGL34-30A
TGL34-30CA
30 ± 5%
28.5...31.5
25.6
5
41.4
3.6
TGL34-33
TGL34-33C
33 ± 10%
29.7...36.3
26.8
5
47.7
3.1
TGL34-33A
TGL34-33CA
33 ± 5%
31.4...34.7
28.2
5
45.7
3.3
TGL34-36
TGL34-36C
36 ± 10%
32.4...39.6
29.1
5
52.0
2.9
TGL34-36A
TGL34-36CA
36 ± 5%
34.2...37.8
30.8
5
49.9
3.0
TGL34-39
TGL34-39C
39 ± 10%
35.1...42.9
31.6
5
56.4
2.7
TGL34-39A
TGL34-39CA
39 ± 5%
37.1...41.0
33.3
5
53.9
2.8
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die elektrischen Werte in beiden Richtungen.
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com