Electronic Components Datasheet Search
  English  ▼

X  

SP1050 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1050
Description  SP1050 Series for Power-over-Ethernet PSE Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1050 Datasheet(HTML) 4 Page - Littelfuse

  SP1050 Datasheet HTML 1Page - Littelfuse SP1050 Datasheet HTML 2Page - Littelfuse SP1050 Datasheet HTML 3Page - Littelfuse SP1050 Datasheet HTML 4Page - Littelfuse SP1050 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 01/30/17
TVS Diode Arrays (SPA® Diodes)
Lightning Surge Protection - SP1050 Series
Application Schematic
48V
PoE
Controller
+
-
Tx
Rx
Tx
Rx
Tx
Rx
Tx
Rx
48V
PoE
Controller
+
-
Tx
Rx
Tx
Rx
Tx
Rx
Tx
Rx
PS1
PS2
PS3
PS4
Gnd
RJ-45
RJ-45
RJ-45
RJ-45
SP1050-04BTG
Figure 1: Typical application circuit with fully integrated PSE controller
Figure 1 shows typical application of power sourcing equipment (PSE) allowing communication and power sourcing for several powered devices (PD). The
SP1050-04BTG is optimized for space savings as there is generally a multiple of 4 present. This protection device complies with IEEE 802.3af and the IEC
61000-4-5 (Level 4) standard.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com