Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1806
Description  325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806 Datasheet(HTML) 1 Page - Linear Technology

  LT1806 Datasheet HTML 1Page - Linear Technology LT1806 Datasheet HTML 2Page - Linear Technology LT1806 Datasheet HTML 3Page - Linear Technology LT1806 Datasheet HTML 4Page - Linear Technology LT1806 Datasheet HTML 5Page - Linear Technology LT1806 Datasheet HTML 6Page - Linear Technology LT1806 Datasheet HTML 7Page - Linear Technology LT1806 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LT1806
1
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
The LT
®1806 is a rail-to-rail input and output op amp that
features a 325MHz gain bandwidth product, a 140V/
µs
slew rate and a 85mA output current to fit the need for low
voltage, high performance signal conditioning systems.
The LT1806 has a very low distortion of – 80dBc at 5MHz,
a low input referred noise voltage of 3.5nV/
√Hz and a
maximum offset voltage of 550
µV that allows it to be used
in high performance data acquisition systems.
The LT1806 has an input range that includes both supply
rails and an output that swings within 20mV of either
supply rail to maximize the signal dynamic range in low
supply applications.
The LT1806 maintains its performance for supplies from
2.5V to 12V and is specified at 3V, 5V and
±5V supplies.
The inputs can be driven beyond the supplies without
damage or phase reversal of the output.
The LT1806 is available in an 8-pin SO package with the
standard op amp pinout. This device can be used as a plug-
in replacement for many op amps to improve input/output
range and performance.
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
325MHz,140V/
µs Rail-to-Rail
Input and Output Low Distortion,
Low Noise Precision Op Amp
June 2000
Final Electrical Specifications
s
Active Filters
s
Rail-to-Rail Buffer Amplifiers
s
Driving A/D Converters
s
Low Voltage Signal Processing
s
Video Line Driver
–
+
LT1806
VIN
1806 TA01
C1
33
µF
C2
150
µF
RT
75
Ω
RLOAD
75
Ω
VOUT
R2
5k
R3
1k
R4
1k
R1
5k
3V
2
3
6
7
4
R5
75
Ω
75
Ω
COAX CABLE
C3
1000
µF
+
3V Single Supply Video Line Driver
s
Gain Bandwidth Product: 325MHz
s
Slew Rate: 140V/
µs
s
Wide Supply Range: 2.5V to 12V
s
Large Output Current: 85mA
s
Low Distortion, 5MHz: –80dBc
s
Low Voltage Noise: 3.5nV/
√Hz
s
Input Common Mode Range Includes Both Rails
s
Output Swings Rail-to-Rail
s
Input Offset Voltage (Rail-to-Rail): 550
µV Max
s
Common Mode Rejection: 106dB Typ
s
Power Supply Rejection: 105dB Typ
s
Open-Loop Gain: 300V/mV Typ
s
Power Down Pin
s
SO-8 Package
s
Operating Temperature Range –40
°C to 85°C


Similar Part No. - LT1806

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1806 LINER-LT1806 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806 Datasheet
321Kb / 28P
Gain-Bandwidth Product: 325MHz
LT1806 LINER-LT1806 Datasheet
380Kb / 16P
Single/Dual Operational Amplifiers
LT1806 LINER-LT1806 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LT1806 LINER-LT1806 Datasheet
1Mb / 32P
Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
More results

Similar Description - LT1806

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
logo
Intersil Corporation
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
Low Distortion Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Linear Technology
LT1806IS6 LINER-LT1806IS6 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com