Electronic Components Datasheet Search
  English  ▼

X  

JSW6-33DR Datasheet(PDF) 3 Page - Mini-Circuits

Part # JSW6-33DR
Description  SP6T RF Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW6-33DR Datasheet(HTML) 3 Page - Mini-Circuits

  JSW6-33DR Datasheet HTML 1Page - Mini-Circuits JSW6-33DR Datasheet HTML 2Page - Mini-Circuits JSW6-33DR Datasheet HTML 3Page - Mini-Circuits JSW6-33DR Datasheet HTML 4Page - Mini-Circuits JSW6-33DR Datasheet HTML 5Page - Mini-Circuits JSW6-33DR Datasheet HTML 6Page - Mini-Circuits JSW6-33DR Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SP6T RF Switch
Page 3 of 7
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Electrical Specifications(1), 5 - 2700 MHz, TAMB=25°C, VDD= +2.5 to 4.8V
Parameter
Condition (MHz)
Min.
Typ.
Max.
Units
Frequency Range
5
2700
MHz
Insertion Loss(2)
5 to 1000
—
0.6
0.8
dB
1000 to 2000
—
0.6
0.8
2000 to 2700
—
0.6
0.8
Isolation between Common Port and
RF1 to RF6 Ports (3)
5 to 1000
35
37
—
dB
1000 to 2000
28
30
—
2000 to 2700
25
27
—
Return Loss (ON STATE)
RF-COM, RF1 to RF6 Ports
5 to 1000
—
15.5
—
dB
1000 to 2000
—
14.2
—
2000 to 2700
—
14.3
—
Input IP3
VDD=2.5 to 4.8V
5 to 500
—
55
—
dBm
VDD=3.0V
1000 to 2700
—
59
—
0.1dB Input Compression(4)
5 to 2700
—
35
—
dBm
DC Electrical Specifications
Parameter
Min.
Typ.
Max.
Units
VDD, Supply Voltage
2.5
3.0
4.8
V
Supply Current (V
DD = 3V)
40
µA
Control Voltage Low
0
0.4
V
Control Voltage High
1.35
1.8
2.7
V
Control Current
0.5
1.0
µA
Shutdown Current at V
DD = 3V
5
µA
Notes:
1. As measured in Mini-Circuit’s test board TB-724+ (see Characterization Test Circuit, Fig.1).
2. Insertion loss values are de-embedded from test board loss.
3. Isolations for other port combinations, see Tables 1 & 2
4. Do not exceed RF input power as shown in Absolute Maximum Rating table.
JSW6-33DR+
Switching Specifications
Parameter
Min.
Typ.
Max.
Units
Rise/Fall Time (10 to 90% or 90 to 10% RF)
—
0.42 (Rise Time)
0.84 (Fall Time)
—
µSec
Switching Time, 50% CTRL to 90/10% RF
—
1.9 (ON Time)
1.4 (OFF Time)
—
µSec
Video Feedthrough, (control 0 to 1.65V, freq.=10 KHz)
—
3.0
—
mV
P-P



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com