Electronic Components Datasheet Search
  English  ▼

X  

BAV102 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BAV102
Description  Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAV102 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BAV102 Datasheet HTML 15Page - Infineon Technologies AG BAV102 Datasheet HTML 16Page - Infineon Technologies AG BAV102 Datasheet HTML 17Page - Infineon Technologies AG BAV102 Datasheet HTML 18Page - Infineon Technologies AG BAV102 Datasheet HTML 19Page - Infineon Technologies AG BAV102 Datasheet HTML 20Page - Infineon Technologies AG BAV102 Datasheet HTML 21Page - Infineon Technologies AG BAV102 Datasheet HTML 22Page - Infineon Technologies AG BAV102 Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN-EVALLED-ICL8002G-B2
Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with ICL8002G & CoolMOS
™ 600V C6
13
Common Questions and Troubleshooting Hints
13.1
Q&A
How does ICL8002G realize dimming control and power factor correction?
Both dimming control and PFC are achieved with the input mains voltage sensing with the VR pin. This signal is
used to set the peak current of the primary winding and consequently allows both PFC and phase-cut dimming
functionality by regulating the cycle energy.
Is it possible to test the demo board with different LED modules with big variations in total forward
voltages?
The operation range of output voltage is specified in Table 1. The demo board will switch into protection mode
when tested with LED load with out-of-range forward voltage either due to Vcc overvoltage protection or Vcc
undervoltage protection. Modifications on the transformer design are necessary for applications with different
output voltage.
13.2
Design and Troubleshooting Hints
Why is there no light output after the LED load is connected and power is on?
Please verify the following:
•
Connectivity of AC input and LED load
•
LED module’s polarity
•
Whether LED module’s forward voltage is out of the range specified in Table 1
How to change output current?
The easiest way to set the desired output
current is to adjust the VR pin’s voltage and shunt resistor. However,
care must be taken to ensure that the transformer is not driven into saturation. Moreover, the VR pin’s voltage
should be kept below 3.7V for maximum power factor.
How to change the open circuit protection to Auto Restart Mode?
If Auto Restart Mode is preferred for output open circuit protection, R7 and/or R12 can be adjusted so that Vcc
overvoltage threshold (Vvccovp = 25V) is reached first before OVP threshold (Vzcovp = 3.7 V) is reached.
Please note that with changing R12, the voltage foldback correction will be affected and as a result the line
regulation will be affected. In this case R9 can be tuned for better line regulation.
Why is the LED flickering in my dimming application? How to improve?
Flickering can be either caused by IC auto-restart or by dimmer's uneven conduction phase angle. For the auto-
restart case, the ICL8002G’s Vcc voltage should be maintained between Vvccovp and Vvccoff over the whole
dimming range. This can be achieved by proper transformer turn ratio design and, if necessary, a voltage
regulation circuit for the Vcc. For dimmer’s uneven conduction case, it is advised to tune the damping and
bleeder circuits.
How to improve system efficiency?
For applications which require higher efficiency, first of all, an active damper circuit can be used to replace the
lossy passive damper circuit. Switching frequency can be reduced so as to minimize the switching loss and this
may require bigger inductor size. Low ESR capacitor can be used for the output capacitor to improve efficiency.
Using a higher current rated MOSFET for Q5, however, may not necessarily produce higher efficiency as the
switching loss may dominate the total power loss of the MOSFET.
How to modify the board for non-dimmable LED bulb application?
For non-dimmable application, the highlighted damping and bleeder circuits as shown in
Figure 2 can be
removed for better efficiency and cost reduction.
Application Note
21
Version 1.1, 2012-08-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com