Electronic Components Datasheet Search
  English  ▼

X  

NCP103 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP103
Description  CMOS Low Dropout Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP103 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP103 Datasheet HTML 1Page - ON Semiconductor NCP103 Datasheet HTML 2Page - ON Semiconductor NCP103 Datasheet HTML 3Page - ON Semiconductor NCP103 Datasheet HTML 4Page - ON Semiconductor NCP103 Datasheet HTML 5Page - ON Semiconductor NCP103 Datasheet HTML 6Page - ON Semiconductor NCP103 Datasheet HTML 7Page - ON Semiconductor NCP103 Datasheet HTML 8Page - ON Semiconductor NCP103 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCP103
www.onsemi.com
4
TYPICAL CHARACTERISTICS
1.206
1.204
1.202
1.200
1.198
1.196
1.194
1.192
1.190
1.188
TJ, JUNCTION TEMPERATURE (°C)
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
IOUT = 1 mA
IOUT = 150 mA
VIN = 2.5 V
VOUT = 1.2 V
CIN = 1 mF
COUT = 1 mF
Figure 3. Output Voltage vs. Temperature
VOUT = 1.2 V
2.815
TJ, JUNCTION TEMPERATURE (°C)
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
Figure 4. Output Voltage vs. Temperature
VOUT = 2.8 V
2.810
2.805
2.800
2.795
2.790
2.785
2.780
2.775
2.770
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
IOUT = 1 mA
IOUT = 150 mA
80
VIN, INPUT VOLTAGE (V)
0.0
0.5
Figure 5. Quiescent Current vs. Input Voltage
70
60
50
40
30
20
10
0
1.0
1.5
2.0 2.5
3.0 3.5
4.0 4.5
5.0
5.5
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
25
°C
−40
°C
85
°C
85
°C
25
°C
−40
°C
600
IOUT, OUTPUT CURRENT (mA)
0.001
Figure 6. Ground Current vs. Output Current
550
500
450
400
350
300
250
200
150
100
50
0
1000
0.01
0.1
1
10
100
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
600
TJ, JUNCTION TEMPERATURE (°C)
−40
Figure 7. Ground Current vs. Temperature
540
480
420
360
300
240
180
120
60
0
−30 −20 −10 0
10
90
80
70
60
50
40
30
20
IOUT = 150 mA
0.1
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Line Regulation vs. Output Current
VOUT = 1.2 V
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−0.06
−0.08
−1
−40 −30 −20 −10 0
10
90
80
70
60
50
40
30
20
VIN = 1.7 V to 5.5 V
VOUT = 1.2 V
IOUT = 1 mA
CIN = 1 mF
COUT = 1 mF
IOUT = 1 mA
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com