Electronic Components Datasheet Search
  English  ▼

X  

BL431 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL431 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL431 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL431 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL431 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL431 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL431 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL431 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL431 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL431 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL431 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BL431
Page1
www.belling.com.cn
V1.5
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
BL431
DESCRIPTION
Outline Drawing
The BL431
is a three- terminal
adjustable
regulator with a guaranteed thermal stability over
applicable temperature ranges. The output voltage
may
be
set
to
any
value
between
V
R
E
F
(approximately 2 . 5 V) and 36 V with two external
resistors. This device has typical dynamic output
impedance
of
0 . 2 Ω .
Active
output
circuitry
provides a very sharp turn - on characteristic,
making these devices excellent replacement for zener diodes in many
applications.
FEATURE
Programmable output voltage to 36 V
Low dynamic output impedance 0 . 2 Ω typical
Sink current capability of 1 . 0mA to 100 mA
Equivalent full- range temperature coefficient of 50 ppm/ ℃ typical
Temperature compensated for operation over full rated
operating temperature range
Low output noise voltage
Fast turn on response
BLOCK DIAGRAM
PIN CONNECTION
S O T23
TO -9 2


Similar Part No. - BL431

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
Adjustable shunt regulator
logo
Galaxy Semi-Conductor H...
BL431 BILIN-BL431 Datasheet
179Kb / 4P
Programmable Shunt Regulator
logo
Sirectifier Semiconduct...
BL431 SIRECTIFIER-BL431 Datasheet
315Kb / 5P
Programmable Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431-ACRM BELLING-BL431-ACRM Datasheet
908Kb / 12P
Adjustable shunt regulator
BL431-ACSM BELLING-BL431-ACSM Datasheet
908Kb / 12P
Adjustable shunt regulator
More results

Similar Description - BL431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com