Electronic Components Datasheet Search
  English  ▼

X  

AP4809 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP4809
Description  Stereo Headphone Amplifier With Shutdown Mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP4809 Datasheet(HTML) 1 Page - Anachip Corp

  AP4809 Datasheet HTML 1Page - Anachip Corp AP4809 Datasheet HTML 2Page - Anachip Corp AP4809 Datasheet HTML 3Page - Anachip Corp AP4809 Datasheet HTML 4Page - Anachip Corp AP4809 Datasheet HTML 5Page - Anachip Corp AP4809 Datasheet HTML 6Page - Anachip Corp AP4809 Datasheet HTML 7Page - Anachip Corp AP4809 Datasheet HTML 8Page - Anachip Corp AP4809 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP4809
Stereo Headphone Amplifier With Shutdown Mode
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Sep 29, 2004
1/9
Features
- Operate from 3V to 7V Single Supply Voltage
- High Signal-to-Noise ratio
- High Slew Rate
- Large Output Voltage Swing
- Low Distortion
- Low Power Consumption
- Switch On/Off Click suppression
- Excellent Power Supply Ripple Rejection
- SOP-8, PDIP-8 and MSOP-8 Pb-Free Packages
Applications
- CD-ROM, DVD-ROM
- MP3 Player
- Battery Powered Devices
- Personal Computers
Pin Assignments
SOP-8L/PDIP-8L
1
2
3
45
6
7
8
(Top View)
IN1-
GND
BYPASS
Vo2
Vo1
V
DD
SHUTDOWN
IN2-
MSOP-8L
1
2
3
45
6
7
8
(Top View)
IN1-
GND
BYPASS
Vo2
Vo1
V
DD
SHUTDOWN
IN2-
General Description
The AP4809 is a stereo power amplifier in an 8-pin
SOP
package
capable
of
delivering
70mW
continuous average power per channel into 32Ω
loads with less than 0.1% (THD+N) from a 5V power
supply. Amplifier gain is externally configured by
means of two resistors per input channel. It was
designed specially to provide high quality output
power
with
a
minimal
amount
of
external
components and is therefore optimally suited for
low-power portable systems.
Pin Descriptions
Pin
No.
Pin Name
Description
1
Vo1
Output 1
2
IN1-
Inverting input 1
3
BYPASS
Tap to voltage divider for
internal mid-rail bias supply.
4
GND
Ground
5
SHUTDOWN
Logic low to put chip in
shutdown mode.
6
IN2-
Inverting input 2
7
Vo2
Output 2
8
VDD
Positive power supply
Ordering Information
Package
Packing
S : SOP-8L
N: PDIP-8L
M: MSOP-8L
AP4809 X
Blank : Tube
A
: Taping
X


Similar Part No. - AP4809

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800AGM A-POWER-AP4800AGM Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
AP4800AGM A-POWER-AP4800AGM Datasheet
178Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4800AGM-HF A-POWER-AP4800AGM-HF Datasheet
99Kb / 4P
Simple Drive Requirement, Low On-resistance
AP4800AGM-HF A-POWER-AP4800AGM-HF_14 Datasheet
99Kb / 4P
Simple Drive Requirement
AP4800AGM A-POWER-AP4800AGM_07 Datasheet
178Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4809

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
logo
SHANGHAI BELLING CO., L...
BL4863TS BELLING-BL4863TS Datasheet
433Kb / 11P
Stereo headphone amplifier mode
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com