Electronic Components Datasheet Search
  English  ▼

X  

HC-49UX Datasheet(PDF) 2 Page - ECS, Inc.

Part # HC-49UX
Description  The HC-49UX is an AT cut resistance weld type Thru Hole quartz crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

HC-49UX Datasheet(HTML) 2 Page - ECS, Inc.

  HC-49UX Datasheet HTML 1Page - ECS, Inc. HC-49UX Datasheet HTML 2Page - ECS, Inc. HC-49UX Datasheet HTML 3Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
DEVELOPED FREQUENCIES
Abbreviation
Frequency (MHZ)
018
1.8432
020
2.000
020.48
2.048
024
2.4576
030
3.000
032
3.2768
035
3.579545
036
3.6864
039
3.93216
040
4.000
040.3
4.032
041
4.096
042
4.194304
044
4.433618
049
4.9152
050
5.000
051
5.0688
060
6.000
065
6.5536
073
7.3728
080
8.000
092.1
9.216
098.3
9.8304
100
10.000
110
11.000
110.5
11.0592
120
12.000
122.8
12.288
143
14.31818
147.4
14.7456
150
15.000
160
16.000
180
18.000
184
18.432
196.6
19.6608
200
20.000
221
22.1184
240
24.000
480
48.000
SOLDER PROFILE
Peak solder Temp +260°C Max 10 sec Max.
2 Cycles Max.
MSL 1, Lead Finish Sn/Cu Matte
HC-49UX
QUARTZ CRYSTAL
Figure 1) Suggested Solder Profile



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com