Electronic Components Datasheet Search
  English  ▼

X  

JRW Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # JRW
Description  10 Watts Maximum Output Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JRW Datasheet(HTML) 4 Page - Wall Industries,Inc.

  JRW Datasheet HTML 1Page - Wall Industries,Inc. JRW Datasheet HTML 2Page - Wall Industries,Inc. JRW Datasheet HTML 3Page - Wall Industries,Inc. JRW Datasheet HTML 4Page - Wall Industries,Inc. JRW Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. E
JRW Series
Single & Dual Outputs
4:1 Input Voltage Ranges
10 Watt DC/DC Power Converters
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
04/25/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
CHARACTERISTICS
EMI FILTER
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit Layout
The components used in the figure above are as follows:
Model
C1
C2
C3
C4
L1
24VDC
nominal input
2.2µF/50V
1812 MLCC
N/A
1000P/2KV
MLCC
1000P/2KV
MLCC
325µH
Common Choke
PMT-050
48VDC
nominal input
2.2µF/100V
1812 MLCC
2.2µF/100V
1812 MLCC
1000P/2KV
MLCC
1000P/2KV
MLCC
325µH
Common Choke
PMT-050



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com