Electronic Components Datasheet Search
  English  ▼

X  

DCPDLW09 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCPDLW09
Description  Up to 9 Watts DC DC Converter Single and Dual Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDLW09 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCPDLW09 Datasheet HTML 1Page - Wall Industries,Inc. DCPDLW09 Datasheet HTML 2Page - Wall Industries,Inc. DCPDLW09 Datasheet HTML 3Page - Wall Industries,Inc. DCPDLW09 Datasheet HTML 4Page - Wall Industries,Inc. DCPDLW09 Datasheet HTML 5Page - Wall Industries,Inc. DCPDLW09 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev A
DCPDLW09 SERIES
Up to 9 Watts
DC DC Converter
Single and Dual Outputs
5/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 6
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
24Vin (Nominal)
9
24
36
VDC
48Vin (Nominal)
18
48
75
Input Surge Voltage
1 second, max.
24Vin (Nominal)
50
VDC
48Vin (Nominal)
100
Input Filter
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load Regulation
No Load to Full Load
-1.0
+1.0
%
Cross Regulation
Asymmetrical load 25%/100% FL, Dual
-5.0
+5.0
%
Ripple and Noise
20MHz bandwidth
With a 1µF/50V X7R MLCC
3.3Vout, 5Vout, 9Vout
50
mVp-p
12Vout, 15Vout, 24Vout
75
Output Power
9
W
Output Current
See Table
Maximum Capacitive Load
See Table
Transient Response Recovery Time
2% Load Step Change
250
µs
Start-Up Time
Constant Resistive Load
50
ms
Temperature Coefficient
-0.02
+0.02
%/°C
REMOTE ON/OFF CONTROL
Ctrl Pin Applied Current via 1k
Ω
DC-DC ON
Open or High Impedance
DC-DC OFF
2
3
4
mA
Remote Off Input Current
DCPDL09W-24xxx
3
mA
DCPDL09W-48xxx
2.5
Application Circuit
DC-DC ON
DC-DC OFF
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of lout rated; Hiccup Mode
180
%
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
3.3Vout Models
Standard Type
Without Derating
-40
+100
ºC
Derating
+45
+100
Suffix “M”
Without Derating
-40
+100
Derating
+50
+100
Other Models
Standard Type
Without Derating
-40
+100
Derating
+55
+100
Suffix “M”
Without Derating
-40
+100
Derating
+60
+100
Storage Temperature Range
-55
+125
ºC
Thermal Shock
MIL-STD-810F
Relative Humidity
5
95
%RH
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
Standard Type
2.696E+06 hrs
Suffix “M”
2.939E+06 hrs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com