Electronic Components Datasheet Search
  English  ▼

X  

CMMD Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMMD
Description  20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMD Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMMD Datasheet HTML 1Page - Wall Industries,Inc. CMMD Datasheet HTML 2Page - Wall Industries,Inc. CMMD Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMD Series
20 Watt Single Output
2:1 Wide Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input Range
Output Voltage
Min. Load Full Load
Output
(4)
Ripple & Noise
No load
(3)
Full load
(2)
Eff
(4)
(%)
Capacitor
(5)
Load max
CMMD12S1.5-6000
1.5 VDC
0mA
6000mA
60mVp-p
70mA
1014mA
78
65000uF
CMMD12S1.8-6000
1.8 VDC
0mA
6000mA
60mVp-p
75mA
1200mA
79
65000uF
CMMD12S2.5-6000
2.5 VDC
0mA
6000mA
60mVp-p
80mA
1582mA
83
33000uF
CMMD12S3.3-5000
3.3 VDC
0mA
5000mA
60mVp-p
115mA
1698mA
85
13000uF
CMMD12S5-4000
5 VDC
0mA
4000mA
75mVp-p
75mA
2008mA
87
6800uF
CMMD12S12-1670
12 VDC
0mA
1670mA
75mVp-p
90mA
2037mA
86
2200uF
CMMD12S15-1330
12VDC
(9 – 18 VDC)
15 VDC
0mA
1330mA
75mVp-p
35mA
2027mA
86
755uF
CMMD24S1.5-6000
1.5 VDC
0mA
6000mA
60mVp-p
35mA
493mA
80
65000uF
CMMD12S1.8-6000
1.8 VDC
0mA
6000mA
60mVp-p
45mA
584mA
81
65000uF
CMMD24S2.5-6000
2.5 VDC
0mA
6000mA
60mVp-p
40mA
781mA
84
33000uF
CMMD24S3.3-5000
3.3 VDC
0mA
5000mA
60mVp-p
30mA
838mA
86
13000uF
CMMD24S5-4000
5 VDC
0mA
4000mA
75mVp-p
35mA
980mA
89
6800uF
CMMD24S12-1670
12 VDC
0mA
1670mA
75mVp-p
55mA
1006mA
87
2200uF
CMMD24S15-1330
24VDC
(18 – 36 VDC)
15 VDC
0mA
1330mA
75mVp-p
40mA
1002mA
87
755uF
CMMD48S1.5-6000
1.5 VDC
0mA
6000mA
60mVp-p
15mA
247mA
80
65000uF
CMMD48S1.8-6000
1.8 VDC
0mA
6000mA
60mVp-p
20mA
288mA
82
65000uF
CMMD48S2.5-6000
2.5 VDC
0mA
6000mA
60mVp-p
30mA
391mA
84
33000uF
CMMD48S3.3-5000
3.3 VDC
0mA
5000mA
60mVp-p
15mA
414mA
87
13000uF
CMMD48S5-4000
5 VDC
0mA
4000mA
75mVp-p
20mA
490mA
89
6800uF
CMMD48S12-1670
12 VDC
0mA
1670mA
75mVp-p
35mA
497mA
88
2200uF
CMMD48S15-1330
48VDC
(36 – 75 VDC)
15 VDC
0mA
1330mA
75mVp-p
50mA
501mA
87
755uF
NOTES
1.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
2.
Maximum value at nominal input voltage and full load.
3.
Typical value at nominal input voltage and no load.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistive load.
6.
The ON/OFF control pin voltage is referenced to -Vin.
To order Negative Logic ON-OFF Control add the suffix-R (Ex: CMMD48S12-1670R).
7.
Heat sink is optional. Contact Factory for ordering details.
8.
Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
DERATING CURVES & EFFICIENCY GRAPHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com