Electronic Components Datasheet Search
  English  ▼

X  

BFP93AW Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFP93AW
Description  Silicon NPN Planar RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP93AW Datasheet(HTML) 3 Page - Vishay Siliconix

  BFP93AW Datasheet HTML 1Page - Vishay Siliconix BFP93AW Datasheet HTML 2Page - Vishay Siliconix BFP93AW Datasheet HTML 3Page - Vishay Siliconix BFP93AW Datasheet HTML 4Page - Vishay Siliconix BFP93AW Datasheet HTML 5Page - Vishay Siliconix BFP93AW Datasheet HTML 6Page - Vishay Siliconix BFP93AW Datasheet HTML 7Page - Vishay Siliconix BFP93AW Datasheet HTML 8Page - Vishay Siliconix BFP93AW Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VISHAY
BFP93A / BFP93AW
Document Number 85020
Rev. 1.4, 03-Sep-04
Vishay Semiconductors
www.vishay.com
3
Common Emitter S-Parameters
Z0 = 50 Ω, Tamb = 25 °C, unless otherwise specified
VCE/V
IC/mA
f/MHz
S11
S21
S12
S22
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
deg
deg
deg
deg
3
10
100
0.642
-64.0
22.49
143.1
0.026
61.3
0.797
-31.5
300
0.566
-130.1
12.29
109.6
0.045
43.5
0.433
-52.7
500
0.555
-156.2
8.00
95.5
0.053
42.7
0.293
-54.6
800
0.560
-176.6
5.25
82.4
0.066
45.5
0.221
-52.7
1000
0.567
173.8
4.30
75.8
0.075
46.6
0.204
-52.6
1200
0.580
166.3
3.64
69.3
0.085
47.0
0.192
-54.2
1500
0.601
156.6
2.97
60.2
0.099
46.6
0.181
-60.0
1800
0.620
148.0
2.52
52.1
0.112
45.6
0.171
-68.0
2000
0.642
143.3
2.30
46.6
0.122
44.6
0.170
-74.4
2200
0.662
137.5
2.13
41.5
0.132
43.5
0.169
-79.8
2500
0.691
130.2
1.90
33.4
0.143
37.9
0.168
-92.4
2800
0.715
123.1
1.70
25.9
0.152
37.7
0.176
-104.2
3000
0.733
119.4
1.59
21.6
0.160
36.4
0.180
-112.7
3
30
100
0.486
-114.2
34.23
127.8
0.017
56.0
0.600
-48.7
300
0.552
-162.2
14.56
99.7
0.029
55.0
0.248
-67.8
500
0.563
-177.2
9.10
89.1
0.040
59.7
0.149
-66.7
800
0.572
169.7
5.84
78.5
0.058
62.0
0.105
-59.3
1000
0.578
162.6
4.75
72.6
0.071
61.4
0.098
-57.0
1200
0.590
157.0
4.01
67.0
0.084
60.0
0.093
-58.5
1500
0.609
149.7
3.25
58.4
0.101
57.5
0.090
-67.5
1800
0.631
142.5
2.76
51.0
0.117
54.4
0.086
-80.2
2000
0.649
138.7
2.50
45.9
0.129
52.1
0.089
-90.0
2200
0.673
133.3
2.31
41.0
0.140
50.0
0.091
-97.4
2500
0.698
126.9
2.06
33.3
0.151
43.7
0.099
-116.4
2800
0.718
120.6
1.84
26.5
0.162
42.2
0.112
-129.8
3000
0.736
116.6
1.72
21.9
0.169
40.3
0.124
-138.5
5
10
100
0.658
-59.4
22.80
144.7
0.024
62.3
0.816
-28.2
300
0.557
-125.3
12.81
111.0
0.042
44.4
0.468
-46.6
500
0.538
-152.8
8.42
96.6
0.050
43.3
0.331
-46.8
800
0.543
-174.4
5.51
83.3
0.062
45.8
0.263
-44.0
1000
0.546
175.6
4.50
76.6
0.071
47.4
0.248
-43.8
1200
0.561
167.7
3.82
70.2
0.080
47.6
0.237
-45.1
1500
0.578
157.8
3.12
61.1
0.093
47.4
0.225
-50.0
1800
0.601
149.0
2.65
53.2
0.105
46.7
0.215
-56.5
2000
0.623
143.9
2.41
47.7
0.115
46.0
0.213
-61.8
2200
0.640
138.2
2.23
42.6
0.124
45.0
0.211
-66.5
2500
0.673
131.0
1.99
34.7
0.136
39.4
0.206
-77.4
2800
0.696
123.9
1.79
27.0
0.144
39.3
0.208
-87.9
3000
0.709
119.6
1.68
22.7
0.151
38.0
0.208
-95.7
5
30
100
0.483
-104.7
35.46
129.2
0.016
57.3
0.625
-43.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com