Electronic Components Datasheet Search
  English  ▼

X  

SP4042 Datasheet(PDF) 4 Page - Littelfuse

Part # SP4042
Description  SP4042 Series 3.3V Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4042 Datasheet(HTML) 4 Page - Littelfuse

  SP4042 Datasheet HTML 1Page - Littelfuse SP4042 Datasheet HTML 2Page - Littelfuse SP4042 Datasheet HTML 3Page - Littelfuse SP4042 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 01/29/16
TVS Diode Arrays (SPA® Diodes)
Lightning Surge Protection- SP4042 Series
Package Dimensions — µDFN-10
Package
µDFN-10 (2.6x2.6mm)
JEDEC
MO-229
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.45
0.52
0.55
0.018
0.020
0.022
A3
0.127Ref
0.005 Ref
b
0.17
0.22
0.27
0.006
0.009
0.011
D
2.50
2.60
2.70
0.098
0.102
0.106
D2
2.10
2.15
2.20
0.083
0.085
0.087
E
2.50
2.60
2.70
0.098
0.102
0.106
E2
1.21
1.26
1.31
0.048
0.050
0.052
e
0.50 BSC
0.020 BSC
L
0.35
0.40
0.45
0.014
0.016
0.018
D
E
B
Top View
A
A
Bottom View
0.10 C
b
A3
C
Seating
Plane
Side View
0.10
C B
M
A
0.05 C
e
D2
E2
2X
C
Embossed Carrier Tape & Reel Specification — µDFN-10 (2.6x2.6mm)
T
B0
K0
P2
D0
E
F
P0
P1
D1
W
5º MAX
A0
5º MAX
User Feeding Direction
Pin 1 Location
Reel Size:7 inches
Symbol
Millimeters
A0
2.82 +/- 0.05
B0
2.82 +/- 0.05
D0
Ø1.50 + 0.10
D1
Ø 0.50 + 0.05
E
1.75 +/- 0.10
F
3.50 +/- 0.05
K0
0.76 +/- 0.05
P0
4.00 +/- 0.10
P1
4.00 +/- 0.10
P2
2.00 +/- 0.05
T
0.25 +/- 0.02
W
8.00 + 0.30 /- 0.10
0.50
0.30
2.23
2.30
Unit: mm
RECOMMENDED SOLDER PAD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com