Electronic Components Datasheet Search
  English  ▼

X  

SP4050 Datasheet(PDF) 4 Page - Littelfuse

Part # SP4050
Description  The SP4050 integrates low capacitance diodes with an additional zener diode to protect each I/O pin against ESD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4050 Datasheet(HTML) 4 Page - Littelfuse

  SP4050 Datasheet HTML 1Page - Littelfuse SP4050 Datasheet HTML 2Page - Littelfuse SP4050 Datasheet HTML 3Page - Littelfuse SP4050 Datasheet HTML 4Page - Littelfuse SP4050 Datasheet HTML 5Page - Littelfuse SP4050 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2017 Littelfuse, Inc.
Specifications are subject to change without notice.
TVS Diode Arrays (SPA®Diodes)
Revision: 07/14/17
Lightning Surge Protection - SP4050 Series
Package Dimensions - MSOP10
Package
MSOP10
Pins
10
Millimeters
Inches
DIM
Min
Max
Min
Max
A
-
1.10
-
0.043
A1
0.00
0.15
0.000
0.006
B
0.17
0.27
0.007
0.011
c
0.08
0.23
0.003
0.009
D
2.90
3.10
0.114
0.122
E
4.67
5.10
0.184
0.200
E1
2.90
3.10
0.114
0.122
e
0.50 BSC
0.020 BSC
L
0.40
0.80
0.016
0.032
B
e
A1
A
2
1
E1
E
10
D
L
C
0.32
[0.0126]
0.50
[0.0197]
2.00
[0.0787]
Solder Pad Layout
Package Dimensions - TDFN-14
Symbol
TDFN-14
Millimeters
Inches
Min
Max
Min
Max
A
0.70
0.80
0.028
0.032
A1
0.00
0.05
0.00
0.002
A3
0.203 REF
0.008 REF
b
0.20
0.30
0.008
0.012
D
3.40
3.60
0.134
0.142
D2
2.95
3.05
0.117
0.121
E
2.40
2.60
0.095
0.103
E2
1.40
1.50
0.056
0.060
e
0.50 BSC
0.02 BSC
K
0.20
0.25
0.0075
0.095
L
0.25
0.35
0.01
0.014
D
D2
A
b
e
Package Dimensions - μDFN-12
Symbol
μDFN-12
Millimeters
Inches
Min
Max
Min
Max
A
0.50
0.65
0.020
0.026
A1
0.00
0.05
0.00
0.002
A2
0.150 REF
0.006 REF
b
0.15
0.25
0.006
0.010
b1
0.10
0.30
0.004
0.012
D
3.40
3.60
0.134
0.142
D2
2.70
0.106
E
2.40
2.60
0.095
0.103
e
0.50 BSC
0.020 BSC
e1
0.60 BSC
0.024 BSC
e2
1.10 BSC
0.044 BSC
L
0.30
0.40
0.012
0.016
L1
0.90
1.10
0.036
0.044
L2
0.70
0.90
0.028
0.036
D
D2
A
b (x12)
ee1
e2
e2
b1 (4x)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com