Electronic Components Datasheet Search
  English  ▼

X  

FMMD2837 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FMMD2837
Description  SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMD2837 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FMMD2837 Datasheet HTML 1Page - Zetex Semiconductors FMMD2837 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 SILICON PLANAR HIGH SPEED
SWITCHING COMMON CATHODE DIODE PAIR
ISSUE 1 – FEBRUARY 1995
PARTMARKING DETAIL – A5
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Breakdown Voltage Voltage (IR=100µA)
V(BR)
35
V
Average Rectified Forward Current ¦
IF(AV)
100
mA
Repetitive Peak Forward Surge Current
IFRM
200
mA
Power Dissipation at Tamb = 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT CONDITIONS.
Forward Voltage
VF
1.0
1.0
1.2
V
V
V
IF=10mA
IF=50mA
IF=100mA
Reverse Current
IR
100
nA
VR=30V
Recovery Time*
trr
6ns
IF= IR=10mA, IR(REC)
=1.0mA
Diode Capacitance
Cd
4pF
VR=0, f=1MHz
*For switching test circuit diagram see page
¦
Over any 20ms period
Spice parameter data is available upon request for this device
SOT23
FMMD2837
DIODE PIN CONNECTION
1
23
1
3
2
Zetex plc.
Fields New Road, Chadderton, Oldham, OL98NP, United Kingdom.
Telephone: 0161627 5105 (Sales), 0161627 4963 (General Enquiries)
Facsimile: 0161627 5467
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Drosselweg 30
87 Modular Avenue
3510 Metroplaza, Tower 2
agents and distributors in
D81827 München
Commack NY11725
Hing Fong Road, Kwai Fong
major countries worldwide
Germany
U.S.A.
Hong Kong
Telefon: (089) 430 90 29
Telephone: (516) 5437100
Telephone: 2610 0611
©Zetex plc 1995
Fax: (089) 439 37 64
Fax: (516) 8647630
Fax: 2425 0494
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of
any product or service.
Package Details
1
3
2
DIM
Millimeters
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105
0.120
B
1.20
1.40
0.047
0.055
C
–
1.10
–
0.043
D
0.37
0.53
0.0145
0.021
F
0.085
0.15
0.0033 0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004
0.004
L
2.10
2.50
0.0825 0.0985
N
NOM 0.95
NOM 0.37
FMMD2837



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com