Electronic Components Datasheet Search
  English  ▼

X  

BL8087 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8087
Description  PMU with a Synchronous 1A Buck and a CMOS 500mA LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8087 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8087 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8087 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8087 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8087 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8087 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8087 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
2
BL8087
TYPICAL APPLICATION
Ref
Driver
Control
Logic
SW
GND
FB
ENB
VDD
10uF
VDD
2.2uH
10uF
R1
120K
R2
120K
Vout
0~1A
VINL
1uF
VINL
VOUT
1uF
1.8V
ENL
ORDERING INFORMATION
Mark Explanation
FB
VDD
SW
ENL
2
1
4
3
7
8
5
6
GND
VOUT
VINL
ENB
DFN2x2-8
9 GND
Ordering Information
GP: Product Code
YW: Date code
LLLL: Lot No.
XX: Output Voltage
DFN2x2-8
3000pcs/reel
BL8087CKBTR□□
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage (VDD)
8V
Max Input Voltage (VINL)
8V
Max Operating Junction Temperature(Tj)
125C
Ambient Temperature(Ta)
-40C – 85C
Maximum Power Dissipation
DFN2X2-8
1.6W
Package Thermal Resistance (jc)
18C / W
Package Thermal Resistance (jA)
80C / W
Storage Temperature(Ts)
-40C - 150C
Lead Temperature & Time
260C, 10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range (VDD)
Max. 6V
Input Voltage Range (VIN)
Max. 6V
Operating Junction Temperature(Tj)
Max. 125C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com