Electronic Components Datasheet Search
  English  ▼

X  

2PRO Datasheet(PDF) 5 Page - Littelfuse

Part # 2PRO
Description  The 2Pro product is an integrated overcurrent over-voltage protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2PRO Datasheet(HTML) 5 Page - Littelfuse

  2PRO Datasheet HTML 1Page - Littelfuse 2PRO Datasheet HTML 2Page - Littelfuse 2PRO Datasheet HTML 3Page - Littelfuse 2PRO Datasheet HTML 4Page - Littelfuse 2PRO Datasheet HTML 5Page - Littelfuse 2PRO Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
h
H1
P1
W6
W4
H0
H1
C1
C2
F
AB
Reference Plane
Direction of Unreeling
Cross Section A-B
W5
H
W
t
t1
P0
F1 F2
P2
D0
I2
L
L1
h
p
p
Table 2P6 — Tape and Reel Specifications in Millimeters (mm)
2Pro devices are available in tape and reel packaging per EIA 468-B standard.
Description
EIA Mark
IEC Mark
Dimension (mm)
Tolerance
Carrier Tape Width
W
W
18
-0.5/ +1.0
Hold Down Tape Width
W4
W0
5
Min
Top Distance Between Tape Edges
W6
W2
3
Max
Sprocket Hole Position
W5
W1
9
-0.5/ +0.75
Sprocket Hole Diameter
D0
D0
4
±0.2
Abcissa to Plane (Kinked Lead)*
H0
H0
16
-0.5/0.6
Abcissa to Top
H1
H1
32.2
Max
Overall Width with Lead Protrusion
—
C1
43.2
Max
Overall Width Without Lead Protrusion
—
C2
42.5
Max
Lead Protrusion
L1
I1
1.0
Max
Protrusion of Cut-out
L
L
11
Max
Protrusion Beyond Hold Down Tape
I2
I2
Not Specified
—
Sprocket Hole Pitch
P0
P0
12.7
±0.3
Pitch Tolerance
—
—
20 Consecutive
±1
Tape Thickness
t
t
0.9
Max
Tape Thickness with Splice*
t1
—
2.0
Max
Splice Sprocket Hole Alignment
—
—
0
±0.3
Body Lateral Deviation
Dh
Dh
0
±0.1
Body Tape Plane Deviation
Dp
Dp
0
±1.3
Ordinate to Component Center Lead
P2
P2
6.35
±0.7
Lead Spacing*
F1, F2
F1, F2
2.54
-0.1/+0.4
Reel Width
w2
w
56
Max
Reel Diameter
a
d
370
Max
Space Between Flanges
w1
—
51.2
Max
Arbor Hole Diameter
c
f
26
±12.0
Core Diameter
n
h
80
Max
Box
—
—
56/372/372
Max
Consecutive Missing Pieces*
—
—
3 Max
—
Empty Places Per Reel*
—
—
Not Specified
—
Note: *Differs from EIA specification.
Figure 2P6 — EIA ReferencedTaped Component Dimensions
RoHS Compliant, ELV Compliant
HF Halogen Free
Specifications subject to change without notice. ©2016 Littelfuse, Inc.
45
PolySwitch Resettable Devices
Radial-Leaded Devices



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com