Electronic Components Datasheet Search
  English  ▼

X  

HB34 Datasheet(PDF) 3 Page - Littelfuse

Part # HB34
Description  The HB34, HF34, and HG34 Series of transient surge suppressors are industrial high-energy Metal-Oxide Varistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HB34 Datasheet(HTML) 3 Page - Littelfuse

  HB34 Datasheet HTML 1Page - Littelfuse HB34 Datasheet HTML 2Page - Littelfuse HB34 Datasheet HTML 3Page - Littelfuse HB34 Datasheet HTML 4Page - Littelfuse HB34 Datasheet HTML 5Page - Littelfuse HB34 Datasheet HTML 6Page - Littelfuse HB34 Datasheet HTML 7Page - Littelfuse HB34 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
Metal-Oxide Varistors (MOVs)
Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
HF34 Series Ratings & Specifications
Lead–free
and RoHS
Compliant Models
Model
Size
Disc
Dia.
(mm)
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage at 1mA
DCTest Current
Maximum
Clamping Voltage
V
C at 200A
Current (8/20
µs)
Typical
Capaci-
tance
V
RMS
V
DC
Energy
(2ms)
Peak
Current
8 x 20
µs
Part Number
V
M(AC)
V
M(DC)
W
TM
I
TM
Min
V
N(DC)
Max
V
C
f = 1MHz
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(pF)
V111HF34
34
110
148
220
40,0001
156
173
190
288
11,600
V131HF34
34
130
175
270
40,0002
184.5
205
225.5
345
10,000
V141HF34
34
140
188
291
40,0003
198
220
242
375
9,000
V151HF34
34
150
200
300
40,0004
216
240
264
405
8,000
V181HF34
34
180
240
330
40,000
254
282
310
468
6,800
V201HF34
34
200
265
350
40,000
283
314
345
533
6,350
V251HF34
34
250
330
370
40,000
351
390
429
650
5,000
V271HF34
34
275
370
400
40,000
387
430
473
730
4,500
V301HF34
34
300
410
430
40,000
423
470
517
780
4,100
V321HF34
34
320
420
460
40,000
459
510
561
830
3,800
V331HF34
34
330
435
475
40,000
467
518.5
570
843
3,750
V351HF34
34
350
460
500
40,000
495
549.5
604
894
3,600
V391HF34
34
385
510
550
40,000
545
604
663
1,000
3,500
V421HF34
34
420
560
600
40,000
612
680
748
1,130
3,000
V441HF34
34
440
587
620
40,000
622
690
758
1,150
2,900
V481HF34
34
480
640
650
40,000
675
750
825
1,240
2,700
V511HF34
34
510
675
700
40,000
738
820
902
1,350
2,500
V551HF34
34
550
710
755
40,000
778
863.5
949
1,404
2,390
V571HF34
34
570
730
770
40,000
819
910
1001
1,480
2,200
V661HF34
34
660
850
900
40,000
945
1050
1155
1,720
2,000
V681HF34
34
680
875
925
40,000
962
1067.5
1173
1777
1,900
V751HF34
34
750
970
1050
40,000
1080
1200
1320
2,000
1,800
Note:
1. Peak current applies to applications rated up to 97V
RMS. Peak current is 30kA for applications greater than 97V.
2. Peak current applies to applications rated up to V
RMS. Peak current is 30kA for applications greater than 115V.
3. Peak current applies to applications rated up to V
RMS. Peak current is 30kA for applications greater than 123V.
4. Peak current applies to applications rated up to V
RMS. Peak current is 30kA for applications greater than 132V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com