Electronic Components Datasheet Search
  English  ▼

X  

MLA Datasheet(PDF) 2 Page - Littelfuse

Part # MLA
Description  The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLA Datasheet(HTML) 2 Page - Littelfuse

  MLA Datasheet HTML 1Page - Littelfuse MLA Datasheet HTML 2Page - Littelfuse MLA Datasheet HTML 3Page - Littelfuse MLA Datasheet HTML 4Page - Littelfuse MLA Datasheet HTML 5Page - Littelfuse MLA Datasheet HTML 6Page - Littelfuse MLA Datasheet HTML 7Page - Littelfuse MLA Datasheet HTML 8Page - Littelfuse MLA Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
Metal-Oxide Varistors (MOVs)
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Device Ratings and Specifications
Part Number
Maximum Ratings (125º C)
Specifications (25ºC)
Maximum
Continuous
Working Voltage
Maximum Non-
repetitive Surge
Current (8/20
µs)
Maximum Non-
repetitive Surge
Energy (10/1000
µs)
Maximum Clamping
Voltage at 1A (or as
Noted) (8/20
µs)
Nominal Voltage
at 1mA DCTest
Current
Typical
Capacitance
at f = 1MHz
V
M(DC)
V
M(AC)
I
TM
W
TM
V
C
V
N(DC) Min
V
N(DC) Max
C
(V)
(V)
(A)
(J)
(V)
(V)
(V)
(pF)
V3.5MLA0603N5
3.5
2.5
30
0.100
13.0
3.7
7.0
1270
V3.5MLA0805N
3.5
2.5
120
0.300
13.0
3.7
7.0
1760
V3.5MLA0805LN
3.5
2.5
40
0.100
13.0
3.7
7.0
1380
V3.5MLA1206N
3.5
2.5
100
0.300
13.0
3.7
7.0
5800
V5.5MLA0402N
5.5
4.0
20
0.050
21.0
7.1
10.8
220
V5.5MLA0402F8
5.5
4.0
20
0.050
21.0
7.1
10.8
220
V5.5MLA0402LN
5.5
4.0
20
0.050
39.0
15.9
21.5
70
V5.5MLA0402LF8
5.5
4.0
20
0.05
39
15.9
21.5
70
V5.5MLA0603N5
5.5
4.0
30
0.100
17.5
7.1
9.3
960
V5.5MLA0603LN4
5.5
4.0
30
0.100
17.5
7.1
9.3
450
V5.5MLA0603LF8
5.5
4.0
30
0.100
17.5
7.1
9.3
450
V5.5MLA0805N
5.5
4.0
120
0.300
17.5
7.1
9.3
1200
V5.5MLA0805LN
5.5
4.0
40
0.100
17.5
7.1
9.3
660
V5.5MLA1206N
5.5
4.0
150
0.400
17.5
7.1
9.3
2800
V9MLA0402N
9.0
6.5
20
0.050
30.0
11.0
16.0
120
V9MLA0402F8
9.0
6.5
20
0.050
30.0
11.0
16.0
120
V9MLA0402LN
9.0
6.5
4
0.020
35.0
11.0
16.0
33
V9MLA0402LF8
9.0
6.5
4
0.020
35.0
11.0
16.0
33
V9MLA0603N5
9.0
6.5
30
0.100
25.5
11.0
16.0
490
V9MLA0603LN4
9.0
6.5
30
0.100
25.5
11.0
16.0
360
V9MLA0603LF8
9.0
6.5
30
0.100
25.5
11.0
16.0
360
V9MLA0805LN
9.0
6.5
40
0.100
25.5
11.0
16.0
320
V12MLA0805LN
12.0
9.0
40
0.100
29.0
14.0
18.5
220
V14MLA0402N
14.0
10.0
20
0.050
39.0
15.9
21.5
70
V14MLA0402F8
14.0
10.0
20
0.050
39.0
15.9
21.5
70
V14MLA0603N
14.0
10.0
30
0.100
34.5
15.9
21.5
80
V14MLA0603F8
14.0
10.0
30
0.100
34.5
15.9
21.5
180
V14MLA0805N
14.0
10.0
120
0.300
32.0
15.9
20.3
360
V14MLA0805LN
14.0
10.0
40
0.100
32.0
15.9
20.3
200
V14MLA1206N
14.0
10.0
150
0.400
32.0
15.9
20.3
800
V18MLA0402N
18.0
14.0
20
0.050
50.0
22.0
28.0
40
V18MLA0402F8
18.0
14.0
20
0.050
50.0
22.0
28.0
40
V18MLA0603N
18.0
14.0
30
0.100
50.0
22.0
28.0
60
V18MLA0603F8
18.0
14.0
30
0.100
50.0
22.0
28.0
120
V18MLA0805N
18.0
14.0
120
0.300
44.0
22.0
28.0
260
V18MLA0805LN
18.0
14.0
40
0.100
44.0
22.0
28.0
170
V18MLA1206N
18.0
14.0
150
0.400
44.0
22.0
28.0
1030
V18MLA1210N
18.0
14.0
500
2.500
44.0 at 2.5
22.0
28.0
2500
V18MLA1812N7
18.0
14.0
1000
2.900
44.0 at 5
22.0
28.0
4050
V26MLA0603N
26.0
20.0
30
0.100
60.0
31.0
38.0
55
V26MLA0603F8
26.0
20.0
30
0.100
60.0
31.0
38.0
110
V26MLA0805N
26.0
20.0
100
0.300
60.0
29.5
38.5
110
V26MLA0805LN
26.0
20.0
40
0.100
60.0
29.5
38.5
90
V26MLA1206N
26.0
20.0
150
0.600
60.0
29.5
38.5
630
V26MLA1210N
26.0
20.0
300
1.200
60.0 at 2.5
29.5
38.5
1250
V30MLA0603N
30.0
25.0
30
0.100
74.0
37.0
46.0
45
V30MLA0603F8
30.0
25.0
30
0.100
74.0
37.0
46.0
90
V30MLA0805LN
30.0
25.0
30
0.100
72.0
37.0
46.0
85
V30MLA1206N
30.0
25.0
180
1.000
67.0
35.0
43.0
400
V30MLA1210N
30.0
25.0
280
1.200
68.0 at 2.5
35.0
43.0
685
V30MLA1210LN
30.0
25.0
220
0.900
68.0 at 2.5
35.0
43.0
500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com