Electronic Components Datasheet Search
  English  ▼

X  

SZ1SMB Datasheet(PDF) 4 Page - Littelfuse

Part # SZ1SMB
Description  The SZ1SMB series is designed to protect voltage sensitive components from high voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SZ1SMB Datasheet(HTML) 4 Page - Littelfuse

  SZ1SMB Datasheet HTML 1Page - Littelfuse SZ1SMB Datasheet HTML 2Page - Littelfuse SZ1SMB Datasheet HTML 3Page - Littelfuse SZ1SMB Datasheet HTML 4Page - Littelfuse SZ1SMB Datasheet HTML 5Page - Littelfuse SZ1SMB Datasheet HTML 6Page - Littelfuse SZ1SMB Datasheet HTML 7Page - Littelfuse SZ1SMB Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
TVS Diodes
Surface Mount > 600W > SZ1SMB Series
Electrical Characteristics - For Unidirectional - Continued
Breakdown Voltage
V
C @ IPP
(Note 8)
Device*
Device
Marking
V
RWM
(Note 6)
I
R @
V
RWM
V
BR @ IT (V) (Note 7)
@ I
T
V
C
I
PP
C Typ.
(Note 9)
Volts
µA
MIN
NOM
MAX
mA
Volts
Amps
p
F
SZ1SMB85AT3G
NV
85
55.0
94.4
99.2
104
1.0
137
4.4
220
SZ1SMB90AT3G
NX
90
5.0
100
105.5
111
1.0
146
4.1
210
SZ1SMB100AT3G
NZ
100
5.0
111
117
123
1.0
162
3.7
190
SZ1SMB110AT3G
PE
110
5.0
122
128.5
135
1.0
177
3.4
175
SZ1SMB120AT3G
PG
120
5.0
133
140
147
1.0
193
3.1
160
SZ1SMB130AT3G
PK
130
5.0
144
151.5
159
1.0
209
2.9
150
SZ1SMB150AT3G
PM
150
5.0
167
176
185
1.0
243
2.5
135
SZ1SMB160AT3G
PP
160
5.0
178
187.5
197
1.0
259
2.3
125
SZ1SMB170AT3G
PR
170
5.0
189
199
209
1.0
275
2.2
120
6. A transient suppressor is normally selected according to the working peak reverse voltage (V
RWM), which should be equal to or greater than the DC or continuous peak
operating voltage level.
7. V
BR measured at pulse test current IT at an ambient temperature of 25°C.
8. Surge current waveform per Figure 2 and derate per Figure 4 of the General Data − 600 W at the beginning of this group.
9. Bias Voltage = 0 V, F = 1 MHz, T
J = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com