Electronic Components Datasheet Search
  English  ▼

X  

NCP705 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP705
Description  LDO Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP705 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP705 Datasheet HTML 9Page - ON Semiconductor NCP705 Datasheet HTML 10Page - ON Semiconductor NCP705 Datasheet HTML 11Page - ON Semiconductor NCP705 Datasheet HTML 12Page - ON Semiconductor NCP705 Datasheet HTML 13Page - ON Semiconductor NCP705 Datasheet HTML 14Page - ON Semiconductor NCP705 Datasheet HTML 15Page - ON Semiconductor NCP705 Datasheet HTML 16Page - ON Semiconductor NCP705 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
NCP705
www.onsemi.com
13
TYPICAL CHARACTERISTICS
Figure 44. Enable Turn−on Response,
COUT = 10 mF, IOUT = 10 mA
IINRUSH
100
ms/div
VEN
VOUT
VIN = 3.8 V
VOUT = 3.3 V
VEN = 1 V
COUT = 10 mF
CIN = 1 mF
IOUT = 500 mA
VIN = 3.8 V
VOUT = 3.3 V
VEN = 1 V
COUT = 10 mF
CIN = 1 mF
IOUT = 500 mA
Figure 45. Enable Turn−on Response,
COUT = 10 mF, IOUT = 500 mA
100
ms/div
IINRUSH
VEN
VOUT
Figure 46. Line Transient Response − Rising
Edge, VOUT = 0.8 V, IOUT = 10 mA
5
ms/div
VIN = 2.5 V
VOUT = 0.8 V
VEN = 1 V
IOUT = 10 mA
tRISE = 1 ms
COUT = 1 mF
COUT = 10 mF
VEN
VOUT
Figure 47. Line Transient Response − Falling
Edge, VOUT = 0.8 V, IOUT = 10 mA
5
ms/div
VIN = 2.5 V
VOUT = 0.8 V
VEN = 1 V
IOUT = 10 mA
COUT = 1 mF
COUT = 10 mF
tFALL = 1 ms
VEN
VOUT
Figure 48. Line Transient Response − Rising
Edge, VOUT = 3.3 V, IOUT = 10 mA
10
ms/div
COUT = 1 mF
COUT = 10 mF
tRISE = 1 ms
VEN
VOUT
VIN = 3.8 V
VOUT = 3.3 V
VEN = 1 V
IOUT = 10 mA
Figure 49. Line Transient Response − Falling
Edge, VOUT = 3.3 V, IOUT = 10 mA
10
ms/div
VIN = 3.8 V
VOUT = 3.3 V
VEN = 1 V
IOUT = 10 mA
tFALL = 1 ms
COUT = 10 mF
COUT = 1 mF
VOUT
VEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com