Electronic Components Datasheet Search
  English  ▼

X  

MDB Datasheet(PDF) 2 Page - Littelfuse

Part # MDB
Description  MDB SERIES MIDI POWER DISTRIBUTION FUSE HOLDER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MDB Datasheet(HTML) 2 Page - Littelfuse

  MDB Datasheet HTML 1Page - Littelfuse MDB Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2015 Littelfuse Commercial Vehicle Products
Rev: 092016
littelfuse.com
2 of 2
Commercial Vehicle Product Datasheet
Cable Seals and Caps
Input Cable Seal & Cap Options (front)
Output Cable Seal & Cap Options (back)
CABLE SIZE
INPUT CABLE SEAL
PART NUMBER
INPUT CABLE CAP
PART NUMBER
25 mm²
(4 AWG)
0HBF0003ZXS25-GN
(Green)
0HBF0003ZXCAP25
16 mm²
(5 AWG)
0HBF0003ZXS16-PK
(Pink)
0HBF0003ZXCAP16
CABLE SIZE
OUTPUT CABLE
SEAL PART
NUMBER
OUTPUT CABLE
CAP PART
NUMBER
NOTES
10-16 mm²
(6-8 AWG)
0HBFA001SEALB
(Blue)
0HBFA001CAPB
6-10 mm²
(8-10 AWG)
0HBFA001SEALY
(Yellow)
None
(Cavity plug)
0HBFA001SEALC
(Gray)
One hole blocked in 2
way housing
Output cap
Output seals
Input cap
Input seal
Dimensions in millimeters
Visit Littelfuse.com for the most up-to-date product information. Littelfuse reserves the right to make product changes, without notice.
Material in this document is as accurate as known at the time of publication.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com