Electronic Components Datasheet Search
  English  ▼

X  

NCP706 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP706
Description  Precision Very Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP706 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP706 Datasheet HTML 1Page - ON Semiconductor NCP706 Datasheet HTML 2Page - ON Semiconductor NCP706 Datasheet HTML 3Page - ON Semiconductor NCP706 Datasheet HTML 4Page - ON Semiconductor NCP706 Datasheet HTML 5Page - ON Semiconductor NCP706 Datasheet HTML 6Page - ON Semiconductor NCP706 Datasheet HTML 7Page - ON Semiconductor NCP706 Datasheet HTML 8Page - ON Semiconductor NCP706 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCP706
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS − VOLTAGE VERSION 2.1 V
−40
°C ≤ TJ ≤ 125°C; VIN = VOUT(NOM) + 0.3 V or 2.4 V, whichever is greater; IOUT = 10 mA, CIN = COUT = 4.7 mF, VEN = 0.9 V, unless
otherwise noted. Typical values are at TJ = +25°C. (Note 3)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.4
5.5
V
Undervoltage lock−out
VIN rising
UVLO
1.2
1.6
1.9
V
Output Voltage Accuracy
VOUT + 0.3 V ≤ VIN ≤ 4.5 V, IOUT = 0 – 1 A
VOUT
2.079
2.10
2.121
V
Line Regulation
VOUT + 0.3 V ≤ VIN ≤ 4.5 V, IOUT = 10 mA
RegLINE
2
mV
Load Regulation
IOUT = 0 mA to 1 A
RegLOAD
2
mV
Load Transient
IOUT = 10 mA to 1A or 10 mA to 1 A in 10 ms,
COUT = 10 mF
TranLOAD
±120
mV
Dropout voltage (Note 4)
IOUT = 1 A, VOUT(nom) = 2.1 V
VDO
300
mV
Output Current Limit
VOUT = 90% VOUT(nom)
ICL
1.1
A
Quiescent current
IOUT = 0 mA
IQ
180
230
mA
Ground current
IOUT = 1 A
IGND
200
mA
Shutdown current
VEN ≤ 0 V, VIN = 2.0 to 5.5 V
0.1
1
mA
Reverse Leakage Current
in Shutdown
VIN = 5.5 V, VOUT = VOUT(NOM),
VEN < 0.4 V
IREV
1.5
5
mA
EN Pin High Threshold
EN Pin Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
V
EN Pin Input Current
VEN = 5.5 V
IEN
100
500
nA
Turn−on Time
COUT = 4.7 mF,
from assertion EN pin to 98% Vout(nom)
tON
200
ms
Power Supply Rejection Ratio
VIN = 2.6 V,
VOUT = 2.1 V
IOUT = 0.5 A
f = 100 Hz
f = 1 kHz
f = 10 kHz
PSRR
60
60
40
dB
Output Noise Voltage
VOUT = 2.1 V, VIN = 2.6 V, IOUT = 0.5 A
f = 100 Hz to 100 kHz
VNOISE
280
mVrms
Thermal Shutdown Temperature
Temperature increasing from TJ = +25°C
TSD
160
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
−
20
−
°C
3. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at
TJ = TA = 25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
4. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com