Electronic Components Datasheet Search
  English  ▼

X  

MPC17511 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC17511
Description  1 Channel H-Bridge Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17511 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC17511 Datasheet HTML 2Page - Motorola, Inc MPC17511 Datasheet HTML 3Page - Motorola, Inc MPC17511 Datasheet HTML 4Page - Motorola, Inc MPC17511 Datasheet HTML 5Page - Motorola, Inc MPC17511 Datasheet HTML 6Page - Motorola, Inc MPC17511 Datasheet HTML 7Page - Motorola, Inc MPC17511 Datasheet HTML 8Page - Motorola, Inc MPC17511 Datasheet HTML 9Page - Motorola, Inc MPC17511 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
■ 16 ピン SVMFP 外形寸法図
SPEC
MIN
TYP
MAX
A
*****
1.95
2.05
A1
0.10
0.15
0.20
b
0.25
0.30
0.35
C
0.18
0.20
0.25
D
*****
5.45 MAX
D1
5.20
5.25
5.30
e
0.60
0.65
0.70
E
5.25
5.30
5.35
He
7.70
7.90
8.10
L
0.45
0.60
0.75
L1
1.20
1.30
1.40
x
*****
*****
0.12
y
0.05
Z1
0.25
0.35
0.47
θ
0.0°
4.0°
9.8°
Z1
e
b
x
y
L1
L
A
D
D1
A部拡大図
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com