Electronic Components Datasheet Search
  English  ▼

X  

MJD32CUQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MJD32CUQ
Description  100V PNP HIGH VOLTAGE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD32CUQ Datasheet(HTML) 3 Page - Diodes Incorporated

  MJD32CUQ Datasheet HTML 1Page - Diodes Incorporated MJD32CUQ Datasheet HTML 2Page - Diodes Incorporated MJD32CUQ Datasheet HTML 3Page - Diodes Incorporated MJD32CUQ Datasheet HTML 4Page - Diodes Incorporated MJD32CUQ Datasheet HTML 5Page - Diodes Incorporated MJD32CUQ Datasheet HTML 6Page - Diodes Incorporated MJD32CUQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MJD32CUQ
Document number: DS39134 Rev. 2 - 2
3 of 7
www.diodes.com
December 2017
© Diodes Incorporated
MJD32CUQ
Thermal Characteristics
100m
1
10
100
10m
100m
1
10
Single Pulse
T
amb
=25
oC
V
CE(sat)
Limited
100s
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
0.1
1
10
100
0.01
0.1
1
10
Single Pulse
T
CASE
=25
oC
1ms
10ms
100ms
V
CE(sat)
Limited
100s
DC
Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
100μ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
T
AMB
=25
oC
Minimum Copper
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100μ
1m
10m 100m
1
10
100
1k
0
2
4
6
8
D=0.5
D=0.2
D=0.1
D=0.05
Single Pulse
T
CASE
=25
oC
Transient Thermal Impedance
Pulse Width (s)
µ
µ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com