Electronic Components Datasheet Search
  English  ▼

X  

MMBT2907AT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT2907AT
Description  60V PNP SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT2907AT Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT2907AT Datasheet HTML 1Page - Diodes Incorporated MMBT2907AT Datasheet HTML 2Page - Diodes Incorporated MMBT2907AT Datasheet HTML 3Page - Diodes Incorporated MMBT2907AT Datasheet HTML 4Page - Diodes Incorporated MMBT2907AT Datasheet HTML 5Page - Diodes Incorporated MMBT2907AT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMBT2907AT
Document number: DS30269 Rev. 10 - 2
1 of 6
www.diodes.com
April 2016
© Diodes Incorporated
MMBT2907AT
60V PNP SMALL SIGNAL TRANSISTOR IN SOT523
Features
BVCEO > -60V
IC = -600mA Collector Current
Epitaxial Planar Die Construction
Ultra-Small Surface Mount Package
Complementary NPN Type: MMBT2222AT
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT523
Case Material: Molded Plastic,
“Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.002 grams (Approximate)
Ordering Information (Note 4)
Product
Status
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
MMBT2907AT-7-F
Active
AEC-Q101
2F
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
2018
2019
2020
Code
X
Y
Z
A
B
C
D
E
F
G
H
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Symbol
Pin-Out Top View
SOT523
2F = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: A = 2013)
M or M = Month (ex: 9 = September)
C
E
B
2FYM


Similar Part No. - MMBT2907AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2907AT DIODES-MMBT2907AT Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 2 - 2
logo
Weitron Technology
MMBT2907AT WEITRON-MMBT2907AT Datasheet
101Kb / 5P
PNP General Purpose Transistors
logo
Diodes Incorporated
MMBT2907AT DIODES-MMBT2907AT Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
logo
Micro Commercial Compon...
MMBT2907AT MCC-MMBT2907AT Datasheet
99Kb / 3P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT2907AT DIODES-MMBT2907AT Datasheet
187Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
More results

Similar Description - MMBT2907AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMMT2907A DIODES-DMMT2907A Datasheet
220Kb / 7P
60V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 1
DMMT2907A DIODES-DMMT2907A_15 Datasheet
220Kb / 7P
60V DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 1
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17
MMDT2907A DIODES-MMDT2907A_15 Datasheet
243Kb / 5P
60V DUAL PNP SMALL SIGNAL TRANSISTOR IN SOT363
Rev 14
MMBT2907A DIODES-MMBT2907A_16 Datasheet
251Kb / 7P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 19
MMDT2907A DIODES-MMDT2907A_16 Datasheet
259Kb / 6P
60V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 16
MMST2907A DIODES-MMST2907A_16 Datasheet
430Kb / 6P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 11
MMST3904 DIODES-MMST3904_16 Datasheet
208Kb / 7P
60V NPN SMALL SIGNAL TRANSISTOR
Rev 14
MMST3906 DIODES-MMST3906_16 Datasheet
405Kb / 6P
60V NPN SMALL SIGNAL TRANSISTOR
Rev 10
2DA1774QQ DIODES-2DA1774QQ Datasheet
628Kb / 5P
60V PNP SMALL SIGNAL TRANSISTOR IN SOT523
December 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com