Electronic Components Datasheet Search
  English  ▼

X  

TLE4942-1 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE4942-1
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4942-1 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE4942-1 Datasheet HTML 16Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 17Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 18Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 19Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 20Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 21Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 22Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 23Page - Infineon Technologies AG TLE4942-1 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
TLE4942-1
TLE4942-1C
Data Sheet
20
V3.1, 2005-02
Table 6
Electro Magnetic Compatibility (values depend on
R
M!)
Ref. ISO 7637-1; test circuit 1;
∆B = 2 mT (amplitude of sinus signal); V
CC = 13.5 V, fB = 100 Hz; T = 25°C; RM ≥ 75 Ω
Parameter
Symbol
Level/Typ
Status
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
Testpulse 4
Testpulse 5
V
EMC
IV / – 100 V
IV / 100 V
IV / – 150 V
IV / 100 V
IV / – 7 V
IV / 86.5 3) V
C 1)
C 1)
A
A
B 2)
C
1) According to 7637-1 the supply switched “OFF” for
t = 200 ms
2) According to 7637-1 for test pulse 4 the test voltage shall be 12 V ± 0.2 V. Measured with
R
M = 75 Ω only.
Mainly the current consumption will decrease. Status C with test circuit 1.
3) Applying in the board net a suppressor diode with sufficient energy absorption capability
Note: Values are valid for all TLE4941/42 types!
Ref. ISO 7637-3; test circuit 1;
∆B = 2 mT (amplitude of sinus signal); V
CC = 13.5 V, fB = 100 Hz; T = 25°C; RM ≥ 75 Ω
Parameter
Symbol
Level/Typ
Status
Testpulse 1
Testpulse 2
Testpulse 3a
Testpulse 3b
V
EMC
IV / – 30 V
IV / 30 V
IV / – 60 V
IV / 40 V
A
A
A
A
Note: Values are valid for all TLE4941/42 types!
Ref. ISO 11452-3; test circuit 1; measured in TEM-cell
∆B = 2 mT; V
CC = 13.5 V, fB = 100 Hz; T = 25°C
Parameter
Symbol
Level/Typ
Remarks
EMC field strength
E
TEM-Cell
IV / 200 V/m
AM = 80%,
f = 1 kHz
Note: Only valid for non C- types!
Ref. ISO 11452-3; test circuit 1; measured in TEM-cell
∆B = 2 mT; V
CC = 13.5 V, fB = 100 Hz; T = 25°C
Parameter
Symbol
Level/Typ
Remarks
EMC field strength
E
TEM-Cell
IV / 250 V/m
AM = 80%,
f = 1 kHz
Note: Only valid for C-types!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com