Electronic Components Datasheet Search
  English  ▼

X  

DSOX4USBFL Datasheet(PDF) 2 Page - Keysight Technologies

Part # DSOX4USBFL
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4USBFL Datasheet(HTML) 2 Page - Keysight Technologies

  DSOX4USBFL Datasheet HTML 1Page - Keysight Technologies DSOX4USBFL Datasheet HTML 2Page - Keysight Technologies DSOX4USBFL Datasheet HTML 3Page - Keysight Technologies DSOX4USBFL Datasheet HTML 4Page - Keysight Technologies DSOX4USBFL Datasheet HTML 5Page - Keysight Technologies DSOX4USBFL Datasheet HTML 6Page - Keysight Technologies DSOX4USBFL Datasheet HTML 7Page - Keysight Technologies DSOX4USBFL Datasheet HTML 8Page - Keysight Technologies DSOX4USBFL Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
02 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Table of Contents
Oscilloscope Experience Redefined: Experience the Speed,
Usability, and Integration�������������������������������������������������������������������������������������������������������������������3
Oscilloscope Experience Redefined: Experience the Speed ������������������������������������������������������������������������5
Oscilloscope Experience Redefined: Experience the Usability ��������������������������������������������������������������������9
Oscilloscope Experience Redefined: Experience the Integration��������������������������������������������������������������� 11
Oscilloscope Experience Redefined: Other Key Productivity Tools������������������������������������������������������������ 14
Oscilloscope Experience Redefined ������������������������������������������������������������������������������������������������������������22
Oscilloscope Experience Redefined: Configuring Your InfiniiVision
4000 X-Series Oscilloscope ������������������������������������������������������������������������������������������������������������24
Oscilloscope Experience Redefined: InfiniiVision 4000 X-Series
Performance Characteristics�����������������������������������������������������������������������������������������������������������26
Oscilloscope Experience Redefined:
License-only Bandwidth Upgrades and Measurement Applications ���������������������������������������������35
Oscilloscope Experience Redefined: Return-to-Keysight Service
Center Bandwidth Upgrades �����������������������������������������������������������������������������������������������������������36
Keysight Oscilloscopes ��������������������������������������������������������������������������������������������������������������������������������37
Evolving Since 1939�������������������������������������������������������������������������������������������������������������������������������������39
Need more bandwidth, sampling rate, and analysis?
Consider the Infiniium 6000 X-Series
– 1, 2.5, 4, and 6 GHz
– 20 GSa/s
– Ultra-low noise at 1 mV/div
– 12.1-inch multi-touch capacitive display with gesture support
– Standard color grade, histogram, and enhanced FFT
– Optional jitter and real-time eye diagram analysis
See www.keysight.com/find/6000X-Series for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com