Electronic Components Datasheet Search
  English  ▼

X  

CMCG Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # CMCG
Description  30 Watt Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMCG Datasheet(HTML) 4 Page - Wall Industries,Inc.

  CMCG Datasheet HTML 1Page - Wall Industries,Inc. CMCG Datasheet HTML 2Page - Wall Industries,Inc. CMCG Datasheet HTML 3Page - Wall Industries,Inc. CMCG Datasheet HTML 4Page - Wall Industries,Inc. CMCG Datasheet HTML 5Page - Wall Industries,Inc. CMCG Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMCG Series
30 Watt Single Output
2:1 Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
DESIGN & FEATURE CONSIDERATIONS
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin and off during a logic low. Negative
logic remote on/off turns the module off during a logic low and on during a logic high. To turn the power module on and off, the user must
supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent.
A logic low is -0.7V to 1.0V.
A logic high is 2.5V to 100V.
The maximum sink current at the On/Off terminal (Pin 3) during a logic low is 100 mA. The maximum allowable leakage current of a switch
connected to the On/Off terminal (Pin 3) at logic high (2.5V to 100V) is 5uA.
Output Voltage Trim
Output voltage trim allows the user to increase or decrease the output voltage set point of a module.
The output voltage can be adjusted by placing an external resistor (Radj) between the Trim and +Vout or -Vout terminals. By adjusting
Radj, the output voltage can be changed by ±10% of the nominal output voltage.
A 10K, 1 or 10 Turn trimpot is usually specified for continuous trimming. Trim pin may be safely left floating if it is not used.
Connecting the external resistor (Radj (up)) between the Trim and -Vout pins increases the output voltage set point as defined by the following
equation:
Connecting the external resistor (Radj (down)) between the Trim and +Vout pins decreases the output voltage set point as defined by the
following equation:
Vout:
Nominal Output Voltage
Vadj:
Adjusted Output Voltage
Units:
VDC/KΩ
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the stability of
the power module.
out
adj
adj
out
)
up
(
adj
V
V
)
V
30
(
)
V
33
(
R
−
∗
−
∗
=
adj
out
out
adj
)
down
(
adj
V
V
)
V
33
(
)
V
667
.
36
(
R
−
∗
−
∗
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com