Electronic Components Datasheet Search
  English  ▼

X  

CMMDW Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMMDW
Description  20 Watt Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMDW Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMMDW Datasheet HTML 1Page - Wall Industries,Inc. CMMDW Datasheet HTML 2Page - Wall Industries,Inc. CMMDW Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMDW Series
20 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev B
FEATURES
● Output Current up to 5.5A
● Fixed Switching Frequency
● Six-Sided Continuous Shielding
● 20 Watts Maximum Output Power
● 4:1 Ultra Wide Input Voltage Range
● Options: Negative Logic Remote ON/OFF
● Call Factory for More Output Power Options
● Compliant to RoHS EU Directive 2002/95/EC
● CE Mark Meets 2006/95/EC, 93/68/EEC, and 89/336 EEC
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMMDW Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input .......................... 9-36VDC
48V nominal input ........................ 18-75VDC
Input Voltage Variation......... dv/dt ............................................ 5V/ms max
(Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ....... 24V input ...........................50VDC
48V input .........................100VDC
Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up................................................................................20ms typ.
Remote ON/OFF ....................................................................20ms typ.
Start Up Voltage................... 24V input.............................................9 VDC
48V input...........................................18 VDC
Shutdown Voltage................ 24V input .........................................7.5 VDC
48V input ..........................................15 VDC
Remote ON/OFF (Note 6)
(Positive Logic)............... DC-DC ON................Open or 3V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
(Negative Logic) ............. DC-DC ON...............Short or 0V < Vr < 1.2V
DC-DC OFF ..............Open or 3V < Vr < 12V
Input Current of Remote Control Pin (nominal Vin) ........ -0.5mA ~ +0.5mA
Remote Off Input Current (nominal Vin) ...........................................2.5mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Voltage Adjustability............................................................................. 10%
Output Current ..............................................................................see table
Output Power ........................................................................ 20 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (no load to full load) ............................................... ±0.5%
Minimum Load ....................................................................................... 0%
Ripple/Noise (20 MHz BW) ...........................................................see table
(measured with a 0.1uF/50V MLCC)
Transient Response Recovery Time (25% load step) .......................250us
PROTECTION SPECIFICATIONS
Over Voltage Protection........... 3.3V output ........................................ 3.9V
(zener diode clamp)
5V output ........................................ 6.2V
12V output ......................................... 15V
15V output ......................................... 18V
Over Load Protection (% of full load at nominal input)................ 150% typ.
Short Circuit Protection. ...................................Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................400KHz typ.
Isolation Voltage (Input to Output)......................................... 1600VDC min.
Isolation Voltage (Input to case) ............................................ 1600VDC min.
Isolation Voltage (Output to Case) ........................................ 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance .............................................................. 1500pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................. -40°C ~ +66°C (w/o derating)
+66°C ~ +105°C (w/ derating)
Storage Temperature .......................................................... -55°C ~ +125°C
Maximum Case Temperature ............................................................. 105°C
Relative Humidity...................................................................5% to 95% RH
Thermal Impedance (Note 7)
Natural Convection ............................................................. 12°C / Watt
Natural Convection with Heat-Sink..................................... 10°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Temperature Coefficient ................................................... ±0.02% / °C max.
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (Note 1)............BELLCORE TR-NWT-000332..........1.691 X 10
6 hrs
MIL-STD-217F ................................. 5.629 x 10
5 hrs
PHYSICAL SPECIFICATIONS
Potting material of the DC/DC Converter ..........................Epoxy (UL94-V0)
Shielding of the DC/DC Converter.................................................. six-sided
Weight ............................................................................Approximately 6 oz
Dimensions............................................ 4.00(L) x 2.25(W) x 0.81(H) inches
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
EMI .............................EN55022 ...................................................... Class A
ESD ....................EN61000-4-2……..
…….Perf. Criteria B
Radiated Immunity..............EN61000-4-3............... 10V/m Perf. Criteria A
Fast Transient.....................EN61000-4-4................. ±2KV Perf. Criteria B
Surge ..................................EN61000-4-5................. ±1KV Perf. Criteria B
Conducted Immunity...........EN61000-4-6............ 10 Vrms Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Measurement
● Wireless Network
● Telecom/Datacom
● Industry Control System
● Semiconductor Equipment
Air ± 8KV
Contact ± 6KV


Similar Part No. - CMMDW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMMD WALL-CMMD Datasheet
244Kb / 3P
20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD12S1.5-6000 WALL-CMMD12S1.5-6000 Datasheet
244Kb / 3P
20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD12S1.8-6000 WALL-CMMD12S1.8-6000 Datasheet
244Kb / 3P
20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD12S12-1670 WALL-CMMD12S12-1670 Datasheet
244Kb / 3P
20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD12S15-1330 WALL-CMMD12S15-1330 Datasheet
244Kb / 3P
20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
More results

Similar Description - CMMDW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
20 Watt Single & Dual Output
RACD20 RECOM-RACD20 Datasheet
86Kb / 2P
20 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RAC20-B RECOM-RAC20-B Datasheet
94Kb / 2P
20 Watt Single Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
20 Watt Single & Dual Output
RAC20-SB RECOM-RAC20-SB Datasheet
94Kb / 2P
20 Watt Single Output
RAC20-K RECOM-RAC20-K Datasheet
1Mb / 6P
20 Watt Single Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com