| Electronic Components Datasheet Search |
|
DSOX6COMP Datasheet(PDF) 13 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX6COMP Datasheet(HTML) 13 Page - Keysight Technologies |
|
13 / 45 page ![]() 13 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet New Standard for Price Performance: Bandwidth, Visualization, and Integration Integration Take advantage of a new oscilloscope application bundle that will enable ALL software applications (including serial decode and WaveGen) for one low price (Option DSOX6APPBNDL). More than just an oscilloscope, it’s 7 instruments in 1 Keysight Technologies, Inc. pioneered multiple-instrument integration with the release of the mixed signal oscilloscope (MSO) in 1996. The InfiniiVision 2000/3000/4000X-Series took the concept to the next level by integrating five instruments in one in 2011. The InfiniiVision 6000 X-Series now integrates seven instruments in one to establish a new integration standard. – Oscilloscope – 16 digital channels (mixed signal) – Serial protocol analyzer – Dual-channel 20-MHz function/arbitrary waveform generator – Frequency response analysis – 3-digit voltmeter – 10-digit counter with totalizer All features and bandwidth are upgradable. Integrate a digital bus: Optional mixed signal oscilloscope (MSO models) With an additional optional 16 integrated digital channels (Option DSOX6MSO) probed by a newly designed digital channel cable, you now have up to 20 channels of time-correlated triggering, acquisition, and viewing on the same instrument. This capability is especially important in today’s embedded designs with sophisticated digital control circuitry. Integrate a generator: Optional dual-channel 20-MHz function/arbitrary waveform generator An optional integrated dual-channel 20-MHz function/arbitrary waveform generator (Option DSOX6WAVEGEN2) is available for the 6000 X-Series. The integrated generator can provide stimulus outputs of sine, square, ramp, pulse, DC, noise, sine, cardinal (sinc), exponential rise, exponential fall, cardiac, Gaussian pulse and arbitrary waveforms to your device under test. Signal modulation capability is also available. With the arbitrary waveform functionality, you can store waveforms from analog channels or reference memories to the arbitrary memories with a single touch and output from WaveGen. Easily create and edit the waveform using the built-in waveform editor or export the data in a .csv file and edit it with your favorite editing tool. Figure 26. Analog and digital signals displayed together with the logic timing chart function. Figure 27. MSO with a new digital channel cable. Figure 28. Arbitrary waveform generation signal editing screen. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |