Electronic Components Datasheet Search
  English  ▼

X  

DSOX6USBFL Datasheet(PDF) 2 Page - Keysight Technologies

Part # DSOX6USBFL
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6USBFL Datasheet(HTML) 2 Page - Keysight Technologies

  DSOX6USBFL Datasheet HTML 1Page - Keysight Technologies DSOX6USBFL Datasheet HTML 2Page - Keysight Technologies DSOX6USBFL Datasheet HTML 3Page - Keysight Technologies DSOX6USBFL Datasheet HTML 4Page - Keysight Technologies DSOX6USBFL Datasheet HTML 5Page - Keysight Technologies DSOX6USBFL Datasheet HTML 6Page - Keysight Technologies DSOX6USBFL Datasheet HTML 7Page - Keysight Technologies DSOX6USBFL Datasheet HTML 8Page - Keysight Technologies DSOX6USBFL Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
02 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Need more memory, bandwidth, analysis capability, or bits?
Consider the Infiniium S-Series
– 500 MHz, 1 GHz, 2 GHz, 2.5 GHz, 4 GHz, 6 GHz, 8 GHz
– 20 GSa/s
– 100 Mpts standard, up to 800 Mpts optional (half channel)
– 4 channels + 16 digital channels (MSO or upgrade)
– 10 bits of vertical resolution
– Industry’s largest 15-inch touch display
– Widest range of applications including serial compliance, jitter analysis and more
See www.keysight.com/find/S-Series for details.
Table of Contents
New Standard for Price Performance: Bandwidth, Visualization, and Integration....................................03
Configure your InfiniiVision 6000 X-Series Oscilloscope ...........................................................................30
Performance Characteristics.......................................................................................................................32
Evolving Since 1939.....................................................................................................................................45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com