Electronic Components Datasheet Search
  English  ▼

X  

DCPSD25 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCPSD25
Description  18~25 Watts Non-Isolated In Car DC/DC Supply Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPSD25 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCPSD25 Datasheet HTML 1Page - Wall Industries,Inc. DCPSD25 Datasheet HTML 2Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev B
DCPSD25 SERIES
18~25 Watts
Non-Isolated In Car DC/DC Supply
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 2
Size: 3.60in x 1.57in x 1.52in (91.5mm x 40mm x 38.5mm)
FEATURES
• Single Output
• Up to 25 Watts of Output Power
• 11 to 26VDC Wide Input Range for
5~11VDC Models
• 11 to 15VDC Input Voltage Range for
13~48VDC Models
• Compact Package
• Optional Input and Output
Connectors
• High Efficiency and Reliability
• Weight 7.1~8.8oz (200~250g)
• Dimensions: 3.60in x 1.57in x 1.52in
DESCRIPTION
The DCPSD25 series of non-isolated in car DC/DC supplies offers up to 25 watts
of output power in a 3.60in x 1.57in x 1.52in compact package. This series
consists of single output models with an input voltage range of 11 to 15VDC and
11 to 26VDC. Each model has high efficiency and high reliability and optional input
and output connectors are available. Please contact factory for further information.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage Range(1)
Output Current
Output Power
Min Load
Max Load
DCPSD25-1
11-26VDC
5~6VDC
3.0A
3.6A
18W
DCPSD25-1-1
6~8VDC
2.2A
3.0A
18W
DCPSD25-2
8~11VDC
1.8A
2.5A
20W
DCPSD25-4
11-15VDC
13~16VDC
1.2A
1.5A
20W
DCPSD25-5
16~21VDC
0.9A
1.2A
20W
DCPSD25-6
21~27VDC
0.9A
1.1A
25W
DCPSD25-7
27~33VDC
0.7A
0.9A
25W
DCPSD25-8
33~48VDC
0.5A
0.7A
25W
NOTES
1.
Output voltage is specified as a range. The output voltage can be set at any voltage within its specified range. User must specify what they would
like the voltage set at.
2.
Optional input and output connectors available, please call factory for details.
*Due to advances in technology, specifications subject to change without notice.
MECHANICAL DRAWINGS


Similar Part No. - DCPSD25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPSD12 WALL-DCPSD12 Datasheet
115Kb / 2P
8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-1 WALL-DCPSD12-1 Datasheet
115Kb / 2P
8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-1-1 WALL-DCPSD12-1-1 Datasheet
115Kb / 2P
8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-2 WALL-DCPSD12-2 Datasheet
115Kb / 2P
8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD12-4 WALL-DCPSD12-4 Datasheet
115Kb / 2P
8 Watts Non-Isolated In Car DC/DC Supply Single Output
More results

Similar Description - DCPSD25

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
Single negative output 25 A DC-DC Converter C Class Non-Isolated
logo
Powerbox
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
logo
Murata Manufacturing Co...
UEI25-120 MURATA-UEI25-120 Datasheet
301Kb / 11P
Single Output Isolated 25-Watt DC/DC Converters
UEI25 MURATA-UEI25 Datasheet
1Mb / 23P
Single Output Isolated 25-Watt DC/DC Converters
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
DCPSD12 WALL-DCPSD12 Datasheet
115Kb / 2P
8 Watts Non-Isolated In Car DC/DC Supply Single Output
DCPSD40 WALL-DCPSD40 Datasheet
116Kb / 2P
25~40 Watts Non-Isolated In Car DC/DC Supply Single Output
DCBYB100 WALL-DCBYB100 Datasheet
548Kb / 7P
100 Watts Isolated DC/DC Converter Single Output
DCPSD60 WALL-DCPSD60 Datasheet
108Kb / 2P
25~40 Watts Non-Isolated In Car DC/DC Supply Single Output
logo
ETA-USA
BJA-SA-U ETA-USA-BJA-SA-U Datasheet
576Kb / 2P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 25 WATTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com