Electronic Components Datasheet Search
  English  ▼

X  

MIC2207 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2207
Description  3mmx3mm 2MHz 3A PWM Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2207 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2207 Datasheet HTML 1Page - Micrel Semiconductor MIC2207 Datasheet HTML 2Page - Micrel Semiconductor MIC2207 Datasheet HTML 3Page - Micrel Semiconductor MIC2207 Datasheet HTML 4Page - Micrel Semiconductor MIC2207 Datasheet HTML 5Page - Micrel Semiconductor MIC2207 Datasheet HTML 6Page - Micrel Semiconductor MIC2207 Datasheet HTML 7Page - Micrel Semiconductor MIC2207 Datasheet HTML 8Page - Micrel Semiconductor MIC2207 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Micrel
MIC2207
Typical Characteristics cont.
SUPPLY VOLTAGE (V)
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
V
IN
= 3.3V
1.500
1.600
1.700
1.800
1.900
2.000
2.100
2.200
2.300
2.400
2.500
TEMPERATURE (°C)
Frequency
vs. Temperature
V
IN
= 3.3V
0
0.2
0.4
0.6
0.8
1
1.2
0
123
45
SUPPLY VOLTAGE (V)
Feedback Voltage
vs. Supply Voltage
V
EN
= V
IN
0
100
200
300
400
500
600
700
800
900
0
12345
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
V
EN
= V
IN
70
75
80
85
90
95
100
105
110
115
120
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
R
DSON
vs. Supply Voltage
0
20
40
60
80
100
120
140
160
TEMPERATURE (°C)
R
DSON
vs. Temperature
3.3V
IN
0
0.2
0.4
0.6
0.8
1.0
1.2
2.7
3.2
3.7
4.2
4.7
SUPPLY VOLTAGE (V)
Enable Threshold
vs. Supply Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
TEMPERATURE (°C)
Enable Threshold
vs. Temperature
3.3V
IN
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
60
70
80
90 100 110 120
AMBIENT TEMPERATURE (°C)
Max. Continuous Output
vs. Ambient Temp. 3.3V
OUT
*
5V
IN
*Using Recommended
Layout (1oz. Copper
and
B.O.M.
0
0.5
1
1.5
2
2.5
3
3.5
60
70
80
90 100 110 120
AMBIENT TEMPERATURE (°C)
Max Continuous Current
vs. Ambient Temp. 2.5V
OUT
*
*Using recommended
layout (1oz. copper) and
B.O.M.
3.3V
IN
5V
IN
0
0.5
1
1.5
2
2.5
3
3.5
60
70
80
90 100 110 120
AMBIENT TEMPERATURE (°C)
Max Continuous Current
vs. Ambient Temp. 1.8V
OUT
*
*Using recommended
layout (1oz. copper) and
B.O.M.
3.3V
IN
5V
IN
April 2005
5
M9999-040705
www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com