Electronic Components Datasheet Search
  English  ▼

X  

86100D-AFP Datasheet(PDF) 21 Page - Keysight Technologies

Part # 86100D-AFP
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86100D-AFP Datasheet(HTML) 21 Page - Keysight Technologies

Back Button 86100D-AFP Datasheet HTML 17Page - Keysight Technologies 86100D-AFP Datasheet HTML 18Page - Keysight Technologies 86100D-AFP Datasheet HTML 19Page - Keysight Technologies 86100D-AFP Datasheet HTML 20Page - Keysight Technologies 86100D-AFP Datasheet HTML 21Page - Keysight Technologies 86100D-AFP Datasheet HTML 22Page - Keysight Technologies 86100D-AFP Datasheet HTML 23Page - Keysight Technologies 86100D-AFP Datasheet HTML 24Page - Keysight Technologies 86100D-AFP Datasheet HTML 25Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21 | Keysight | Infiniium DCA-X 86100D Wide-Bandwidth Oscilloscope Mainframe and Modules - Data Sheet
Dual/quad electrical
Dual/Quad electrical channel modules
N1045A 1
N1055A 1
Channel options
(number of channels; F = female; M = male)
02F/02M
04F/04M
32F/32M
34F/34M
52F/52M
54F/54M
Number of channels 2
2
4
2
4
2
4
Electrical channel bandwidth
20/35/45/60 GHz
35 GHz 4, 5
35 GHz 4, 5
35/50 GHz 5
35/50 GHz 5
Transition time (characteristic)
(10 to 90% calculated from TR = 0.35/BW)
17.5/10/7.8/5.8 ps
10 ps
10 /7 ps
Channel-to-channel skew range
± 100 ps
± 150 ps
RMS noise
Characteristic
275/425/500/750 µV
600 µV
600/750 µV
Maximum
950 µV (60 GHz)
730 µV
950 µV
Scale factor (per division)
Minimum
1 mV/division
1 mV/division
Maximum
100 mV/division
100 mV/division
DC accuracy (single marker)
± 2 mV ± 4% of (reading-channel
offset), (60 GHz)
± 2 mV ± 4% of (reading-channel offset), (50 GHz)
DC offset range (referenced from center of
screen)
± 500 mV
± 500 mV
Input dynamic range (relative to channel offset) ± 400 mV
± 400 mV
Maximum input signal
± 2 V (+16 dBm)
+2 V/–1 V
Nominal impedance
50 Ω
50 Ω
Reflections (for 30 ps rise time)
20%
20%
Electrical input 3
1.85 mm (female or male option)
2.92 mm (female or male option) 1.85 mm (female or male option)
TDR system
TDR system
(Mainframe with 54754A module)
Oscilloscope/TDR performance
Normalized characteristics
Rise time
40 ps nominal
Adjustable from larger of 17 ps or 0.08 x time/div
< 25 ps normalized
Maximum: 5 x time/div
TDR step flatness
≤ ± 1% after 1 ns from edge
≤ 0.1%
≤ + 5%, –3% < 1 ns from edge
Low level
0.00 V ± 2 mV
High level
± 200 mV +2 mV
TDR system
(Mainframe with N1055A module)
N1055A - 3xx
(35 GHz bandwidth)
N1055A - 5xx
(50 GHz bandwidth)
Without TDR calibration
With TDR calibration
Without TDR calibration
With TDR calibration
Step rise/fall time (transmitted 6)
< 18 ps
Adjustable from 15 ps,
characteristic
< 7 ps
Adjustable from 6 ps,
characteristic
1. Module is supported by 86100D DCA-X mainframe and later.
2. Upgradable from two channel to four channel after purchase (return to Keysight).
3. Connector style is the same on all channels and is selected at time of order.
4. Upgradable from 35 to 50 GHz after purchase (return to Keysight).
5. Tuned to be –3 dB (± measurement uncertainty) at stated bandwidth(s) using NIST traceable swept-sine test system.
6. Defined as the transition time at the output of the remote head. It is calculated by deconvolving the receiver transition time from the measured transition
time when the remote head is terminated with a short. Measured on a negative TDR step.
Modules Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com