Electronic Components Datasheet Search
  English  ▼

X  

LP3220 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LP3220
Description  1.5MHz, 1.0A Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3220 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP3220 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 10Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 11Page - Lowpower Semiconductor inc LP3220 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LP3220-02
Jun.-2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 10 of 12
Preliminary Datasheet
LP3220
Output Capacitor Selection
The function of output capacitance is to store energy to
attempt to maintain a constant voltage. The energy is stored
in the capacitor’s electric field due to the voltage applied.
The value of output capacitance is generally selected to limit
output voltage ripple to the level required by the specification.
Since the ripple current in the output inductor is usually
determined by L, VOUT and VIN, the series impedance of the
capacitor primarily determines the out-put voltage ripple. The
three elements of the capacitor that contribute to its
impedance (and output voltage ripple) are equivalent series
resistance (ESR), equivalent series inductance (ESL), and
capacitance (C). The output voltage droop due to a load
transient is dominated by the capacitance of the ceramic
output capacitor. During a step increase in load current, the
ceramic output capacitor alone supplies the load current until
the loop responds. Within several switching cycles, the loop
responds and the inductor current increases to match the load
current demand.
In many practical designs, to get the required ESR, a
capacitor with much more capacitance than is needed must
be selected. For continuous or discontinuous inductor current
mode operation, the ESR of the COUT needed to limit the
ripple to ∆VO:
Ripple current flowing through a capacitor’s ESR causes
power dissipation in the capacitor. This power dissipation
causes a temperature increase internal to the capacitor.
Excessive temperature can seriously shorten the expected life
of a capacitor. Capacitors have rippled current ratings that are
dependent on ambient temperature and should not be
exceeded. The output capacitor ripple current is the inductor
current, IL, minus the output current, Io. The RMS value of the
ripple current flowing in the output capacitance (continuous
inductor current mode operation) is given by:
ESL can be a problem by causing ringing in the low
megahertz region but can be controlled by choosing low ESL
capacitors, limiting lead length (PCB and capacitor), and
replacing one large device with several smaller ones
connected in parallel. In conclusion, in order to meet the
requirement of out-put voltage ripple small and regulation loop
stability, ceramic capacitors with X5R or X7R dielectrics are
recommended due to their low ESR and high ripple current
ratings. The output ripple VOUT is determined by:
A 10μF ceramic capacitor can satisfy most applications.
Thermal Calculations
There are three types of losses associated with the LP3220
step-down converter: switching losses, conduction losses,
and quiescent current losses. Conduction losses are
associated with the RDS(ON) characteristics of the power output
switching devices. Switching losses are dominated by the
gate charge of the power output switching devices.
At full load, assuming continuous conduction mode (CCM), a
simplified form of the losses is given by:
IQ is the step-down converter quiescent current. The term tSW
is used to estimate the full load step-down converter switching
losses.
For the condition where the step-down converter is in dropout
at 100% duty cycle, the total device dissipation reduces to:
Since RDS(ON), quiescent current, and switching losses all vary
with input voltage, the total losses should be investigated over
the complete input voltage range. Given the total losses, the
maximum junction temperature can be derived from the θJA
for the SOT23-5 package which is 250℃/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com