Electronic Components Datasheet Search
  English  ▼

X  

LP3220S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3220S
Description  1.5MHz, 1.0A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3220S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3220S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3220S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3220S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3220S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3220S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3220S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3220S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3220S Datasheet HTML 8Page - Lowpower Semiconductor inc LP3220S Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP3220S-00
Jun.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP3220S
1.5MHz, 1.0A Step-Down Converter
General Description
The LP3220S is a 1.5MHz constant frequency current
mode PWM step-down converter. It is ideal for
portable equipment which requires very high current
up to 1.0A from single-cell Lithium-ion batteries while
still achieving over 94% efficiency during peak load
conditions. The LP3220S also can run at 100% duty
cycle for low dropout operation, extending battery life
in portable systems while light load operation provides
very low output ripple for noisy sensitive applications.
The LP3220S can supply up to 1.0A output load
current from at VIN = 3V and has an input voltage 2.2V
to 6.0V and the output voltage can be regulated as low
as 0.6V. The high switching frequency minimizes the
size of external components while keeping switching
losses low. The internal slope compensation setting
allows the device to operate with smaller inductor
values to optimize size and provide efficient operation.
The LP3220S is available with adjustable (0.61V to VIN)
output voltage. The device is available in a Pb-free,
SOT23-5 package and is rated over the temperature
range of -40℃ to +85℃.
Order Information
LP3220S □ □ □ □
F: Pb-Free
Package Type
B5: SOT23-5
VOUT Type
A: Adjustable
Features
Input Voltage Range: 2.2V to 6.0V
Output Voltage Range: 0.61V to VIN
1.0A Output Current
High Efficiency: Up to 94%
100% Duty Cycle in Dropout
Low Shutdown Current: <1uA
1.5MHz Switching Frequency
Soft star Function
Short Circuit Protection
Thermal Fault Protection
SOT23-5Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Instruments
DSP Core Supplies
Cellular Phone and Smart mobile phone
PDA
GPS Applications
Marking Information
Device
Marking
Package
Shipping
LP3220S
LPS
A1YWX
SOT23-5
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch


Similar Part No. - LP3220S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3220 POWER-LP3220 Datasheet
920Kb / 12P
1.5MHz, 1.0A Step-Down Converter
More results

Similar Description - LP3220S

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1121 ANALOGICTECH-AAT1121 Datasheet
777Kb / 20P
1.5MHz, 250mA Step-Down Converter
AAT1121 ANALOGICTECH-AAT1121_07 Datasheet
544Kb / 20P
1.5MHz, 250mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1121 SKYWORKS-AAT1121 Datasheet
1Mb / 19P
1.5MHz, 250mA Step-Down Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510 Datasheet
221Kb / 10P
1.0A, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Lowpower Semiconductor ...
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
1.5MHz, 1.5A Step-Down Converter
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
1.5MHz, 1.5A Step-Down Converter
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
LP3220 POWER-LP3220 Datasheet
920Kb / 12P
1.5MHz, 1.0A Step-Down Converter
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com