Electronic Components Datasheet Search
  English  ▼

X  

LP3367 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3367
Description  1A Buck/Boost Charge Pump LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3367 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3367 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP3367-02
Feb.-2011
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP3367
Absolute Maximum Ratings
Input Voltage to GND ----------------------------------------------------------------------------------------- 0.3V to +6V
Other Pin to GND ---------------------------------------------------------------------------------------------- 0.3V to +6V
Output Current Pulse(Flash) ------------------------------------------------------------------------------------- 1200mA
Output Current Continuous(Torch) ----------------------------------------------------------------------------- 400mA
Operating Junction Temperature Range (TJ) ------------------------------------------------------------------- 150℃
Maximum Soldering Temperature (at leads, 10sec) --------------------------------------------------------- 260℃
Storage Temperature Range --------------------------------------------------------------------------- -65°C to 165°C
Operation Ambient Temperature Range -------------------------------------------------------------- -20°C to 85°C
QFN 4x4-16 Thermal Resistance (θJA) ------------------------------------------------------------------------ 65°C/W
QFN 4x4-16 Power Dissipation at TA=25°C (PDmax) -------------------------------------------------------- 1.5W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com