Electronic Components Datasheet Search
  English  ▼

X  

LP6285 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6285
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6285 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6285 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6285 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary Datasheet
LP6285
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 4 of 8
LP6285–00 Version 0.1 MAR.-2017
Functional Pin Description
Pin NO.
Pin Name
Description
1
DRVN
VGL Charge-Pump Regulator Driver Output.
2
REF
Reference Voltage Output. Connect a ceramic capacitor between REF and GND.
3
AGND
Analog GND.
4, 5
NC
No connection.
6
OPI
Unity-Gain OP Input pin.
7
OPO
Unity-Gain OP Output pin.
8
AVDD
VDD for Source Driver Power. This also supplies the Charge-Pump/OPA power source.
9
PGND
Power Ground.
10
LX
Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX.
11
VIN
Supply Input. The input voltage range is between 2.5V to 5.5V. Connect a ceramic capacitor
between VIN and GND.
12
FB
Boost Regulator Feedback Input. Connect to an external resistive voltage divider from the
output to FB to set the output voltage.
13
COMP
Boost Regulator Error Amplifier Compensation Pin.
14
FBP
VGH Charge-Pump Regulator Feedback Input. Connect to an external resistive voltage
divider from the VGH to GND to set the output voltage.
15
DRVP
VGH Charge-Pump Regulator Driver Output.
16
FBN
VGL Charge-Pump Regulator Feedback Input. Connect to an external resistive voltage
divider from the VGL to REF to set the output voltage.
EP
Exposed pad. Connect this pin to other gnd pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com