Electronic Components Datasheet Search
  English  ▼

X  

XR46014 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR46014
Description  High Voltage Constant Current Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR46014 Datasheet(HTML) 1 Page - Exar Corporation

  XR46014 Datasheet HTML 1Page - Exar Corporation XR46014 Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage Constant Current Regulator
XR
46014 Product Brief
1/2
FEATURES
■
■
3V to 80V operation range
■
■
270mV low current sense voltage
■
■
Linear over temperature protection
■
■
Can be parallel connected for
higher current
APPLICATIONS
■
■
LED Lighting Applications
Downlight
High bay
Specialty
Architectural
Description
The XR46014 is an 80V constant current regulator that can drive
upto 250mA. Users may adjust the regulating current from 10mA to
250mA through an external resistor.
A linear type over temperature protection function protects the system
by decrease the current linearly when the junction tempareture of the
chip is higher than 125°C. Multiple XR46014 chips can be connected
in parallel to provide higher driving current capability.
The device is available in the SOT-223-3L package.
Typical Application
+
VAC
LED
Q1
XR46000
U1
XR46014
IN
GND
CS
C
BD
RZ
ZD
RCS
1
CS
2
2
GND
3
IN
Pin Configuration
SOT-223


Similar Part No. - XR46014

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR46010 EXAR-XR46010 Datasheet
146Kb / 2P
Active Load Current Regulator for Phase-Cut Dimmable AC Direct Drive LED Lamp
More results

Similar Description - XR46014

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6335A TMT-T6335A Datasheet
41Kb / 4P
Constant Current Regulator
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
NSIC2020BT3G ONSEMI-NSIC2020BT3G Datasheet
176Kb / 9P
Constant Current Regulator
June, 2012 ??Rev. 0
logo
Texas Instruments
LM3405 TI1-LM3405_13 Datasheet
1Mb / 29P
Constant Current Buck Regulator
logo
Diodes Incorporated
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 5
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR420UFD DIODES-BCR420UFD Datasheet
611Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
logo
Guangdong Kexin Industr...
T6335A KEXIN-T6335A Datasheet
138Kb / 2P
Constant Current Regulator
logo
American Bright OPTOELE...
AB-EZDC AMERICANBRIGHT-AB-EZDC Datasheet
197Kb / 5P
Constant Current regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com