Electronic Components Datasheet Search
  English  ▼

X  

BFCN-4100 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BFCN-4100
Description  Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BFCN-4100 Datasheet(HTML) 1 Page - Mini-Circuits

  BFCN-4100 Datasheet HTML 1Page - Mini-Circuits BFCN-4100 Datasheet HTML 2Page - Mini-Circuits BFCN-4100 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 3
The Big Deal
• Flat group delay (±45 pS)
• Narrow band/fast roll-off in LTCC
• Good passband VSWR (1.2:1 typical)
Product Overview
The BFCN-4100+ LTCC Bandpass Filter is constructed using multilayer ceramic technology to achieve miniature size
and high repeatability of performance. Wrap-around terminations minimize variations in performance due to parasitics.
Covering 4100 MHz ±400 MHz, these units offer low insertion loss and good rejection at the band reject edges.
Key Features
BFCN-4100+
50Ω
3700 to 4500 MHz
CASE STYLE: FV1206
Bandpass Filter
Ceramic
Feature
Advantages
Flat group delay (±45pS)
The model has flat group delay which ensures low distortion.
Sharp shape factor
Sharp shape factor helps in adjacent channel rejection and hence increased selectivity.
Good VSWR, 1.2:1 typical over passband
This provides well matched input and output ports.
Wrap around termination
Provides excellent solderability and easy visual inspection capability.
LTCC construction
Provides a rugged package that is well suited for tough environments including high humidity and
high temperature extremes.
Small size, 0.12" x 0.6" x 0.4"
The surface mount package enables BFCN-4100+ to be used in compact designs.


Similar Part No. - BFCN-4100

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BFCN-4440 MINI-BFCN-4440 Datasheet
325Kb / 1P
Bandpass Filter
BFCN-4440+ MINI-BFCN-4440+ Datasheet
325Kb / 1P
Bandpass Filter
BFCN-4800 MINI-BFCN-4800 Datasheet
330Kb / 2P
Bandpass Filter
BFCN-4800+ MINI-BFCN-4800+ Datasheet
330Kb / 2P
Bandpass Filter
More results

Similar Description - BFCN-4100

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com