Electronic Components Datasheet Search
  English  ▼

X  

1071196 Datasheet(PDF) 3 Page - SICK AG

Part # 1071196
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1071196 Datasheet(HTML) 3 Page - SICK AG

  1071196 Datasheet HTML 1Page - SICK AG 1071196 Datasheet HTML 2Page - SICK AG 1071196 Datasheet HTML 3Page - SICK AG 1071196 Datasheet HTML 4Page - SICK AG 1071196 Datasheet HTML 5Page - SICK AG 1071196 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IME08-06NPOZW2K | IME
INDUCTIVE PROXIMITY SENSORS
Time delay before availability
≤ 50 ms
Hysteresis
1 % ... 15 %
Reproducibility
≤ 5 % 3) 4)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 200 mA
Current consumption, no load
≤ 10 mA
Cable material
PVC
Short-circuit protection
✔
Reverse polarity protection
✔
Power-up pulse protection
✔
Shock and vibration resistance
30 g, 11 ms/10 Hz ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +75 °C
Ambient storage temperature
–25 °C ... +75 °C
Housing material
Metal, Nickel-plated brass
Sensing face material
Plastic, Plastic
Housing length
43 mm
Thread length
21 mm
Tightening torque, max.
≤ 5 Nm
UL File No.
NRKH.E181493
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
Reduction factors
Note
The values are reference values which may vary
St37 steel (Fe)
Approx. 1
Stainless steel (V2A, 304)
Approx. 0.68
Aluminum (Al)
Approx. 0.45
Copper (Cu)
Approx. 0.39
Brass (Br)
Approx. 0.49
Installation note
Remark
Associated graphic see "Installation"
A
16 mm
B
30 mm
C
8 mm
D
18 mm
E
10 mm
F
60 mm
Classifications
ECl@ss 5.0
27270101
2018-04-27 09:46:16 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com