Electronic Components Datasheet Search
  English  ▼

X  

OV7910 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OV7910
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7910 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OV7910 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7910 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
OmniVision Technologies, Inc. 930 Thompson Place Sunnyvale, CA 94086 U.S.A.
Tel: (408) 733-3030 Fax: (408) 733-3061
e-mail: info@ovt.com
Website: http://www.ovt.com
OV7910/OV7410/OV7411
Preliminary
Version 1.4, December 7, 1999
Array Size
PAL:
628 x 582 pixels
Image Area
PAL:
5.78 x 4.19 mm
Auto Electronic
Exposure
1/60- 1/15000 sec.
Min. Illumination
(3000K)
OV7910P: < 3 lux @ f1.2
OV7410P: < 0.5 lux @
f1.2
OV7411P: < 0.2 lux @
f1.2
S/N Ratio
> 48 dB
Fixed Pattern
Noise (FPN)
< 0.03% VP-P
Dark Current
< 0.2 nA/cm2
Dynamic Range
> 72 dB
Power Supply
5VDC, ±5%
Power
Requirements
200 mW
Package Type
48-pin LCC
OV7910P/OV7410P/OV7411P PIN ASSIGNMENT
AVDD
RGSW
CEXP
HSAT
Rsvd11
SMTawb
EVDD
EGND
BUCO
GYYO
RVCVO
OVDD
VADPXO
VSHYNC/MIR
FSO/VSFR
FODD/I2CEN
PALSW
FSI
PWDN
AMOD0
AMOD1
HSHP
DEVDD
DEGND
7
8
9
10
*
11
*
12
*
13
*
14
*
15
16
17
18
31
32
33
34
35
36
37
38
39
40
41
42
OV7910P/OV7410P/
* NOTE: These pins are “no connect” in OV7410P/OV7411P sensor.
General Description
The OV7910P (color) and OV7410P/OV7411P (black and white) Sin-
gle-chip CMOS camera devices are designed to provide a high level
of functionality in a single small-footprint package. Both devices sup-
port composite video and S-Video. The OV7910P imager also pro-
vides RGB and YCrCb video signals, and each device directly
interfaces with a VCR TV monitor or other 75 ohm terminated input.
A minimum of external components are required to complete a fully
functional camera subsystem. The OV7910P/OV7410P/OV7411P
video cameras require only a single 5-volt DC supply and have been
designed for very low power operation. These products are ideal for
all applications requiring a small footprint, low voltage, low power and
low cost color or black and white video camera.
n
Video Conferencing
n
Video Phones
n
Video e-mail
n
PC Multimedia
n
Toys
n
Security
n
Surveillance
OV7910P SINGLE-CHIP CMOS COLOR PAL CAMERA
OV7410P/OV7411P SINGLE-CHIP CMOS B&W PAL CAMERA
Features
n
Single-chip 1/3 inch format video camera
— High-sensitivity version (OV7411P)
n
Composite video: PAL or S-Video
n
Component video: RGB or YUV
n
Sensitivity boost (+18 dB) /AGC on-off
n
Automatic exposure/gain/white balance
n
External frame sync capability
n
Aperture correction
n
I2C programmable:
— color sat., brightness, contrast, white balance, exposure time,
gain
n
Gamma correction (0.45)-On/Off
n
Low power consumption
n
+5 volt-only power suPly


Similar Part No. - OV7910

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7949 OMNIVISION-OV7949 Datasheet
234Kb / 2P
high-performance security CameraChip sensor
OV7950 OMNIVISION-OV7950 Datasheet
143Kb / 2P
ultra-compact, high-performance automotive CameraChip sensor
OV7955 OMNIVISION-OV7955 Datasheet
4Mb / 2P
aperture/gamma correction
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
NTSC and PAL output
OV7960 OMNIVISION-OV7960 Datasheet
1Mb / 2P
Superior Image Quality for Professional Grade CCTV Cameras
More results

Similar Description - OV7910

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52038ASP MITSUBISHI-M52038ASP Datasheet
586Kb / 10P
PAL SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52043SP MITSUBISHI-M52043SP Datasheet
584Kb / 10P
PAL-M SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
Panasonic Semiconductor
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
Color Encoder IC NTSC/PAL for CCD Video Camera
logo
Sanyo Semicon Device
LA7685J SANYO-LA7685J Datasheet
271Kb / 10P
PAL/NTSC Single-chip Color Television Signal Processing Circuit
logo
List of Unclassifed Man...
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
CMOS COLOR DIGITAL VIDEO CAMERA
logo
ON Semiconductor
ASX340AT ONSEMI-ASX340AT Datasheet
2Mb / 75P
Color CMOS NTSC/PAL Digital Image
Rev. H, 8/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com