Electronic Components Datasheet Search
  English  ▼

X  

TUSB1002A Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002A
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002A Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1002A Datasheet HTML 16Page - Texas Instruments TUSB1002A Datasheet HTML 17Page - Texas Instruments TUSB1002A Datasheet HTML 18Page - Texas Instruments TUSB1002A Datasheet HTML 19Page - Texas Instruments TUSB1002A Datasheet HTML 20Page - Texas Instruments TUSB1002A Datasheet HTML 21Page - Texas Instruments TUSB1002A Datasheet HTML 22Page - Texas Instruments TUSB1002A Datasheet HTML 23Page - Texas Instruments TUSB1002A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
HOST_TXP
HOST_TXN
HOST_RXP
HOST_RXN
CH2_EQ1
CFG2
CH2_EQ2
HOST_DM
HOST_DP
R2
DNI
C10
100nF
C11
100nF
VCC_3P3V
C9
10uF
TUSB1002A
24-PIN RGE
U1
1
MODE
7
RX1N
8
RX1P
9
GND
10
TX2N
11
TX2P
12
RX2P
RX2N
GND
TX1P
TX1N
RSVD1
GND
C2
100nF
C1
100nF
C6
100nF
C4
100nF
J1
USB3_TYPEA_CONNECTER
VBUS 1
DM 2
DP 3
GND 4
SSRXN
5
SSRXP 6
GND 7
SSTXN 8
SSTXP 9
SHIELD0 10
SHIELD1 11
1M
C7
100nF
C8
0.001uF
USB_VBUS
VCC_3P3V
CONNECT TO
USB3.1 HOST
VCC_3P3V
CFG1
CH1_EQ2
CH1_EQ1
19
20
21
22
23
24
25
VCC_3P3V
2
3
4
5
6
C3
100nF
C5
100nF
C12
330nF
C13
330nF
R1
R16
220k
R15
220k
20
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
The TUSB1002A differential receivers and transmitters have internal BIAS and termination. For this reason, the
TUSB1002A must be connected to the USB3.2 host and receptacle through external A/C coupling capacitors. In
this example as depicted in Table 4, 100 nF capacitors are placed on TX2P and TX2N, RX1P and RX1N, and
TX1P and TX1N. 330 nF A/C coupling capacitors along with 220k resistors are placed on the RX2P and RX2N.
Inclusion of these 330nF capacitors and 220k resistors is optional but highly recommended. If not implemented,
then RX2P/N should be DC-coupled to the USB receptacle.
Figure 18. Host Implementation Schematic
The USB3.2 Dual channel operation is used in this example. Mode pin should be left floating (unconnected)
when using this mode.
The TUSB1002A compensates for channel loss in both the upstream (D to C) and downstream direction (A to B).
This is done by configuring the CH1_EQ[2:1] and CH2_EQ[2:1] pins to the equalization setting that matches as
close possible to the channel insertion loss. In this particular example, CH1_EQ[2:1] is for path A to B which is
the channel between USB3.2 host and the TUSB1002A, and CH2_EQ[2:1] is for path C to D which is the
channel between TUSB1002A and the USB3.2 receptacle.
The TUSB1002A supports 5 levels of DC gain that are selected by the CFG[2:1] pins. Typically, the DC gain
should be set to 0 dB but may need to be adjusted to correct any one of the following conditions:
1. Input VID too high resulting in VOD being greater than USB 3.1 defined swing. For this case, a negative DC
gain should be used.
2. Input VID too low resulting in VOD being less than USB 3.1 defined swing. For this case, a positive DC gain
should be used.
3. Low frequency discontinuities in the channel resulting in DC component of the signal clipping the vertical eye
mask. For this case, a positive DC gain should be used.
It is assumed in this example the incoming VID is at the nominal defined USB3.2 range and the channel is linear
across frequency. The CFG1 and CFG2 pins can both be left floating if these assumptions are true.
In this particular example, the channel A-B has a trace length of 8 inches with a 4 mil trace width. This particular
channel has about 0.83 dB per inch of insertion loss at 5 GHz. This equates to approximately 6.7 dB of loss for
the entire 8 inches of trace. An additional 1.5 dB of loss is added due to package of the USB3.2 Host,
TUSB1002A, and the A/C coupling capacitor. This brings the entire channel loss at 5 GHz to 6.7 dB + 1.5 dB =
8.2 dB. A typical USB 3.1 host/device will have around 3 dB of transmitter de-emphasis. Transmitter de-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com