Electronic Components Datasheet Search
  English  ▼

X  

TUSB1002AIRGER Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002AIRGER
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002AIRGER Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1002AIRGER Datasheet HTML 1Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 2Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 3Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 4Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 5Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 6Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 7Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 8Page - Texas Instruments TUSB1002AIRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 6
6.6
Timing Requirements ................................................ 9
6.7
Switching Characteristics .......................................... 9
6.8
Typical Characteristics ............................................ 11
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 18
7.5
U0 Mode.................................................................. 18
7.6
U1 Mode.................................................................. 18
7.7
U2/U3 Mode ............................................................ 18
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical USB3.2 Application .................................... 19
8.3
Typical SATA, PCIe and SATA Express
Application................................................................ 22
9
Power Supply Recommendations ...................... 25
10
Layout................................................................... 25
10.1
Layout Guidelines ................................................. 25
10.2
Layout Example .................................................... 26
11
Device and Documentation Support ................. 27
11.1
Receiving Notification of Documentation Updates 27
11.2
Community Resources.......................................... 27
11.3
Trademarks ........................................................... 27
11.4
Electrostatic Discharge Caution ............................ 27
11.5
Glossary ................................................................ 27
12
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
DATE
REVISION
NOTES
March 2018
*
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com