Electronic Components Datasheet Search
  English  ▼

X  

TUSB1002AIRGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002AIRGET
Description  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002AIRGET Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1002AIRGET Datasheet HTML 1Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 2Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 3Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 4Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 5Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 6Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 7Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 8Page - Texas Instruments TUSB1002AIRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
VCC
18
GND
2
CH1_EQ1
17
CH2_EQ2
3
CH1_EQ2
16
CH2_EQ1
4
CFG1
15
CFG2
5
EN
14
DCBOOST#
6
GND
13
VCC
Not to scale
Thermal
Pad
3
TUSB1002A
www.ti.com
SLLSF63 – MARCH 2018
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
RGE Package
24-Pin VQFN
Top View
Pin Functions
PIN
TYPE
INTERNAL PULLUP
PULLDOWN
DESCRIPTION
NAME
NO.
RX1P
9
90
Ω Differential
Input
Differential input for SuperSpeed (SS) and SuperSpeedPlus (SSP) positive
signals for Channel 1
RX1N
8
Differential input for SuperSpeed (SS) and SuperSpeedPlus (SSP) negative
signals for Channel 1
RX2P
19
90
Ω Differential
Input
Differential input for SuperSpeed (SS) and SuperSpeedPlus (SSP) positive
signals for Channel 2
RX2N
20
Differential input for SuperSpeed (SS) and SuperSpeedPlus (SSP) negative
signals for Channel 2.
TX1P
22
90
Ω Differential
Output
Differential output for SuperSpeed (SS) and SuperSpeedPlus (SSP) positive
signals for Channel 1.
TX1N
23
Differential output for SuperSpeed (SS) and SuperSpeedPlus (SSP) negative
signals for Channel 1.
TX2P
12
90
Ω Differential
Output
Differential output for SuperSpeed (SS) and SuperSpeedPlus (SSP) positive
signals for Channel 2.
TX2N
11
Differential output for SuperSpeed (SS) and SuperSpeedPlus (SSP) negative
signals for Channel 2.
CH1_EQ1
2
I (4-level)
PU (approx 45K)
PD (approx 95K)
CH1_EQ1. Configuration pin used to control Rx EQ level for RX1P/N. The state
of this pin is sampled after the rising edge of EN. Refer to Figure 2 for details of
timing. This pin along with CH1_EQ2 allows for up to 16 equalization settings.
CH1_EQ2
3
I (4-level)
CH1_EQ2. Configuration pin used to control Rx EQ level for RX1P/N. The state
of this pin is sampled after the rising edge of EN. Refer to Figure 2 for details of
timing. This pin along with CH1_EQ1 allows for up to 16 equalization settings.
CH2_EQ1
16
I (4-level)
CH2_EQ1. Configuration pin used to control Rx EQ level for RX2P/N. The state
of this pin is sampled after the rising edge of EN. Refer to Figure 2 for details of
timing. This pin along with CH2_EQ2 allows for up to 16 equalization settings.
CH2_EQ2
17
I (4-level)
CH2_EQ2. Configuration pin used to control Rx EQ level for RX2P/N. The state
of this pin is sampled after the rising edge of EN. Refer to Figure 2 for details of
timing. This pin along with CH2_EQ1 allows for up to 16 equalization settings.
EN
5
I (2-level)
PU (approx 400 K)
EN. Places TUSB1002A into shutdown mode when asserted low. Normal
operation when pin is asserted high. When in shutdown, TUSB1002A’s receiver
terminations will be high impedance and tx/rx channels will be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com