Electronic Components Datasheet Search
  English  ▼

X  

BAT63 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT63
Description  Low barrier diode for detectors up to GHz frequencies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT63 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT63 Datasheet HTML 1Page - Infineon Technologies AG BAT63 Datasheet HTML 2Page - Infineon Technologies AG BAT63 Datasheet HTML 3Page - Infineon Technologies AG BAT63 Datasheet HTML 4Page - Infineon Technologies AG BAT63 Datasheet HTML 5Page - Infineon Technologies AG BAT63 Datasheet HTML 6Page - Infineon Technologies AG BAT63 Datasheet HTML 7Page - Infineon Technologies AG BAT63 Datasheet HTML 8Page - Infineon Technologies AG BAT63 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2011-06-15
2
BAT63...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 3 V
IR
-
-
10
µA
Forward voltage
IF = 1 mA
VF
-
190
300
mV
Forward voltage matching2)
IF = 1 mA
∆ VF
-
-
20
AC Characteristics
Diode capacitance
VR = 0.2 V, f = 1 MHz
CT
-
0.65
0.85
pF
Differential resistance
VR = 0 , f = 10 kHz
R0
-
30
-
k
Ω
1For calculation of RthJA please refer to Application Note Thermal Resistance
2∆VF is the difference between lowest and highest VF in a multiple diode component.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com